Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD86350Q5D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD86350Q5D
Description  Synchronous Buck NexFET??Power Block
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD86350Q5D Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD86350Q5D Datasheet HTML 2Page - Texas Instruments CSD86350Q5D Datasheet HTML 3Page - Texas Instruments CSD86350Q5D Datasheet HTML 4Page - Texas Instruments CSD86350Q5D Datasheet HTML 5Page - Texas Instruments CSD86350Q5D Datasheet HTML 6Page - Texas Instruments CSD86350Q5D Datasheet HTML 7Page - Texas Instruments CSD86350Q5D Datasheet HTML 8Page - Texas Instruments CSD86350Q5D Datasheet HTML 9Page - Texas Instruments CSD86350Q5D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
VDS - Drain-to-Source Voltage - V
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
70
80
VGS = 4V
VGS = 4.5V
VGS = 8V
G010
VDS - Drain-to-Source Voltage - V
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
VGS = 4V
VGS = 4.5V
VGS = 8V
G011
VGS - Gate-to-Source Voltage - V
0
0.5
1
1.5
2
2.5
3
3.5
4
0.0001
0.001
0.01
0.1
1
10
100
TC = -55°C
TC = 25°C
TC = 125°C
G012
VDS = 5V
VGS - Gate-to-Source Voltage - V
0
0.5
1
1.5
2
2.5
0.0001
0.001
0.01
0.1
1
10
100
TC = -55°C
TC = 25°C
TC = 125°C
G013
VDS = 5V
Qg - Gate Charge - nC
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
G014
ID = 20A
VDS = 12.5V
Qg - Gate Charge - nC
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
G015
ID = 20A
VDS = 12.5V
CSD86350Q5D
SLPS223A – MAY 2010 – REVISED MAY 2010
www.ti.com
TYPICAL POWER BLOCK MOSFET CHARACTERISTICS
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Control MOSFET Saturation
Figure 11. Sync MOSFET Saturation
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 12. Control MOSFET Transfer
Figure 13. Sync MOSFET Transfer
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 14. Control MOSFET Gate Charge
Figure 15. Sync MOSFET Gate Charge
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - CSD86350Q5D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86350Q5D TI-CSD86350Q5D Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI1-CSD86350Q5D Datasheet
1Mb / 24P
[Old version datasheet]   CSD86350Q5D Synchronous Buck NexFET??Power Block
CSD86350Q5DT TI1-CSD86350Q5DT Datasheet
1Mb / 24P
[Old version datasheet]   CSD86350Q5D Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI1-CSD86350Q5D_V01 Datasheet
1Mb / 24P
[Old version datasheet]   CSD86350Q5D Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD86350Q5D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com