Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM61004RHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61004RHBR
Description  Four Output, Integrated VCO, Low-jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61004RHBR Datasheet(HTML) 1 Page - Texas Instruments

  CDCM61004RHBR Datasheet HTML 1Page - Texas Instruments CDCM61004RHBR Datasheet HTML 2Page - Texas Instruments CDCM61004RHBR Datasheet HTML 3Page - Texas Instruments CDCM61004RHBR Datasheet HTML 4Page - Texas Instruments CDCM61004RHBR Datasheet HTML 5Page - Texas Instruments CDCM61004RHBR Datasheet HTML 6Page - Texas Instruments CDCM61004RHBR Datasheet HTML 7Page - Texas Instruments CDCM61004RHBR Datasheet HTML 8Page - Texas Instruments CDCM61004RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CDCM61004
www.ti.com
SCAS871D – FEBRUARY 2009 – REVISED FEBRUARY 2010
Four Output, Integrated VCO, Low-Jitter Clock Generator
Check for Samples: CDCM61004
1
FEATURES
Low Output Skew of 30 ps on LVPECL Outputs
2
One Crystal Reference Input Including 24.8832
Divider Programming Using Control Pins:
MHz, 25 MHz, and 26.5625 MHz
Two Pins for Prescaler/Feedback Divider
Input Frequency Range: 21.875 MHz to
Three Pins for Output Divider
28.47 MHz
Two Pins for Output Select
On-Chip VCO Operates in Frequency Range of
Chip Enable Control Pin Available
1.75 GHz to 2.05 GHz
3.3-V Core and I/O Power Supply
4x Output Available:
Industrial Temperature Range: –40°C to +85°C
Pin-Selectable Between LVPECL, LVDS, or
5-mm × 5-mm, 32-pin, QFN (RHB) Package
2-LVCMOS; Operates at 3.3 V
ESD Protection Exceeds 2 kV (HBM)
LVCMOS Bypass Output Available
Output Frequency Selectable by /1, /2, /3, /4, /6,
APPLICATIONS
/8 from a Single Output Divider
Low Jitter Clock Driver for High-End Datacom
Supports Common LVPECL/LVDS Output
Applications Including SONET, Ethernet, Fibre
Frequencies:
Channel, Serial ATA, and HDTV
62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
Cost-Effective High-Frequency Crystal
Oscillator Replacement
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
155.52 MHz, 156.25 MHz, 159.375 MHz,
187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz,
311.04 MHz, 312.5 MHz, 622.08 MHz,
DESCRIPTION
625 MHz
The CDCM61004 is a highly versatile, low-jitter
Supports Common LVCMOS Output
frequency synthesizer that can generate four low-jitter
Frequencies:
clock
outputs,
selectable
between
low-voltage
positive emitter coupled logic (LVPECL), low-voltage
62.5 MHz, 74.25 MHz, 75 MHz, 77.76 MHz,
differential
signaling
(LVDS),
or
low-voltage
100 MHz, 106.25 MHz, 125 MHz, 150 MHz,
complementary
metal
oxide
semiconductor
155.52 MHz, 156.25 MHz, 159.375 MHz,
(LVCMOS) outputs, from a low-frequency crystal for a
187.5 MHz, 200 MHz, 212.5 MHz, 250 MHz
variety
of
wireline
and
data
communication
Output Frequency Range: 43.75 MHz to
applications. The CDCM61004 features an onboard
683.264 MHz (See Table 3)
PLL that can be easily configured solely through
control
pins.
The
overall
output
random
jitter
Internal PLL Loop Bandwidth: 400 kHz
performance is less than 1ps, RMS (from 10 kHz to
High-Performance PLL Core:
20 MHz), making this device a perfect choice for use
Phase Noise typically at –146 dBc/Hz at
in demanding applications such as SONET, Ethernet,
5-MHz Offset for 625-MHz LVPECL Output
Fibre Channel, and SAN. The CDCM61004 is
available in a small, 32-pin,
5-mm × 5-mm QFN
Random Jitter typically at 0.509 ps, RMS
package.
(10 kHz to 20 MHz) for 625-MHz LVPECL
Output
Output Duty Cycle Corrected to 50% (± 5%)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCM61004RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004RHBR TI-CDCM61004RHBR Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBR TI-CDCM61004RHBR Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBR TI1-CDCM61004RHBR Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004RHBR/2801 TI1-CDCM61004RHBR/2801 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results

Similar Description - CDCM61004RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com