Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0253-03 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-DA0253-03
Description  DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0253-03 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-DA0253-03 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0253-03 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0253-03 Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0253-03 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-AC INVERTER UNIT
PS-DA0253-03(S) (9 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.2.3, 30th June 2008
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
SW 1
a
b
Operation of unit
Operation
Non operation
DIMMING CHARACTERISTICS (Reference)
Vin (V)
Vbr (V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
12±1.2
0.0
0 ~ +50
5.3
6.0
6.7
m Arm s
Dut y 10 0 %
Output Current
Iout
12±0.6
1.8
0 ~ +50
1.3
2.0
2.7
m Arm s
Input Current
Iin
12±1.2
0.0
0 ~ +50
-
0.75
1.0
Adc
Frequency
F
12±1.2
0.0
0 ~ +50
32.5
40
47.5
kHz
Open Circuit Voltage
Vopen
11.4
0.0
0 ~ +50
1.500
1.700
1.900
Vrm s
No Load Shutdow n
Ts d
12±1.2
0.0
0 ~ +50
1.0
-
-
s ec
wit ho ut lo ad
Unit
Note
Parameters
Symbols
Conditions
Specification
0,0
1,0
2,0
3,0
4,0
5,0
6,0
7,0
0,0
0,4
0,7
1,1
1,4
1,8
Vbr (VDC)
Rbr 0 ~ 10 kOhm dimming
b
Vbr 0 ~ 1.8 Vdc dimming
c
Operation of unit
SW2
A
V
1000:1
PROBE
V
~
Vin
10.8 ~ 13.2 V
Iin
Vopen
F
CN1-1
CN1-2
CN2-1
CN3-1
F
CN2-3
T1
CN1-4
CN1-3
CN3-2
A
~
RL1
Iout
1
SW3
SW4
CL1
A
~
RL1
Iout
2
SW5
SW6
CL1
CN1-5
V
a
b
SW1
Vrmt
0 / 5 Vdc
CN1-6
Vbr
0 ~ 1.8 Vdc
CN1-7
V
CN2-2
CN3-2
N.C.
N.C.
c
d SW2
Rbr
0 ~ 10 kOhm


Similar Part No. - PS-DA0253-03

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0253-03-E-B POWER-SYSTEMS-PS-DA0253-03-E-B Datasheet
367Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-03-E-BS POWER-SYSTEMS-PS-DA0253-03-E-BS Datasheet
367Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-032 POWER-SYSTEMS-PS-DA0253-032 Datasheet
287Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-032S POWER-SYSTEMS-PS-DA0253-032S Datasheet
287Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results

Similar Description - PS-DA0253-03

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-11 POWER-SYSTEMS-PS-DA0253-11 Datasheet
348Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-13 POWER-SYSTEMS-PS-DA0253-13 Datasheet
365Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-023 POWER-SYSTEMS-PS-DA0253-023 Datasheet
181Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-146-B POWER-SYSTEMS-PS-DA0253-146-B Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-252-B POWER-SYSTEMS-PS-DA0253-252-B Datasheet
288Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-032 POWER-SYSTEMS-PS-DA0253-032 Datasheet
287Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-01-E-B POWER-SYSTEMS-PS-DA0253-01-E-B Datasheet
152Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-03-E-B POWER-SYSTEMS-PS-DA0253-03-E-B Datasheet
367Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com