Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2591RGVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2591RGVR
Description  2.4-GHz RF Front End
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2591RGVR Datasheet HTML 3Page - Texas Instruments CC2591RGVR Datasheet HTML 4Page - Texas Instruments CC2591RGVR Datasheet HTML 5Page - Texas Instruments CC2591RGVR Datasheet HTML 6Page - Texas Instruments CC2591RGVR Datasheet HTML 7Page - Texas Instruments CC2591RGVR Datasheet HTML 8Page - Texas Instruments CC2591RGVR Datasheet HTML 9Page - Texas Instruments CC2591RGVR Datasheet HTML 10Page - Texas Instruments CC2591RGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TYPICAL CHARACTERISTICS
T
Temperature
− C
o
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
-40
-20
0
20
40
60
80
HGM
LGM
0
1
2
3
4
5
6
7
8
9
10
11
12
2400 2410
2420
2430 2440 2450
2460
2470
2480
f
Frequency
MHz
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
HGM
NFHGM
LGM
PowerSupply − V
-1
0
1
3
4
5
6
7
8
9
10
11
12
2
2.4
2.6
2.8
3
3.2
3.4
HGM
LGM
2.2
3.6
2
CC2591
www.ti.com ........................................................................................................................................................ SWRS070A – MARCH 2008 – REVISED JUNE 2008
LNA GAIN AND NOISE FIGURE
LNA GAIN
vs
vs
FREQUENCY
TEMPERATURE
Figure 3.
Figure 4.
LNA GAIN
vs
POWER SUPPLY
Figure 5.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CC2591


Similar Part No. - CC2591RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591RGVR TI-CC2591RGVR Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591RGVR TI1-CC2591RGVR Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591RGVRG4 TI1-CC2591RGVRG4 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
More results

Similar Description - CC2591RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com