Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0224-10S Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PS-DA0224-10S
Description  DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0224-10S Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PS-DA0224-10S Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0224-10S Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0224-10S Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0224-10S Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-AC INVERTER UNIT
PS-DA0224-10(S) (9 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.5.3, 17th April 2008
(PRELIMINARY INFORMATION)
DESCRIPTION :
This low profile DC to AC Inverter is developed for quad lamps.
APPLICABLE LCD:
LQ150X1LGN1; ..2 ; ..2a (Sharp)
6.4 to 15 inches dual lamp type
Lamp Voltage 1000 Vrms
Lamp Current 2 x 4.5 mArms
Lamp Start Up Voltage 1.800 Vrms (Vin : 12 Vdc)
FEATURES :
Wide Operationg temperature range
Alarm signal function
PWM dimming type.
Current Feedback Circuit
Remote ON/OFF
Open Lamp Detection
RoHS compliant (S)
TEMPERATURE & HUMIDITY :
Operating Temperature Range
-10
°C ~ +70°C
Storage Temperature Range
-30
°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
L x W x H
130 x 40 x 10 mm
Unit : mm
Weight :23 (g) typ.
Note: Please use plastic screw in case of a non-insulating mounting base!
Components
No.
Part Discription
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1m m
2
Connector CN1
1
S7B-PH-SM3-1-TB
JST or equal
3
Connector CN2 + CN3
2
SM02B-BHSS-1-TB
JST or equal
Pin 1
Pin 1
Pin 1


Similar Part No. - PS-DA0224-10S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0229-01 POWER-SYSTEMS-PS-DA0229-01 Datasheet
261Kb / 4P
   DC-AC INVERTER UNIT 7.7 W DUAL OUTPUTS
PS-DA0229-01-B POWER-SYSTEMS-PS-DA0229-01-B Datasheet
299Kb / 4P
   DC-AC INVERTER UNIT 7.7 W DUAL OUTPUTS
PS-DA0229-01-BS POWER-SYSTEMS-PS-DA0229-01-BS Datasheet
299Kb / 4P
   DC-AC INVERTER UNIT 7.7 W DUAL OUTPUTS
PS-DA0229-01S POWER-SYSTEMS-PS-DA0229-01S Datasheet
261Kb / 4P
   DC-AC INVERTER UNIT 7.7 W DUAL OUTPUTS
More results

Similar Description - PS-DA0224-10S

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-11 POWER-SYSTEMS-PS-DA0253-11 Datasheet
348Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-13 POWER-SYSTEMS-PS-DA0253-13 Datasheet
365Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-023 POWER-SYSTEMS-PS-DA0253-023 Datasheet
181Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-146-B POWER-SYSTEMS-PS-DA0253-146-B Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-252-B POWER-SYSTEMS-PS-DA0253-252-B Datasheet
288Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-03 POWER-SYSTEMS-PS-DA0253-03 Datasheet
374Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-032 POWER-SYSTEMS-PS-DA0253-032 Datasheet
287Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-01-E-B POWER-SYSTEMS-PS-DA0253-01-E-B Datasheet
152Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-03-E-B POWER-SYSTEMS-PS-DA0253-03-E-B Datasheet
367Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com