Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0148-01 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # PS-DA0148-01
Description  DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0148-01 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  PS-DA0148-01 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0148-01 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0148-01 Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0148-01 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-AC INVERTER UNIT
PS-DA0148-01(S) (5 W SINGLE OUTPUT)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstraße 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.0.1, 28th February 2008
(PRELIMINARY INFORMATION)
ELECTRICAL CHARACTERISTICS :
TEST CIRCUIT :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as
marked on mechanical drawing and any conductors.
Note 2:
Open circuit on all lamps for more than 3 sec., will shut the inverter down.
Note 3:
Before apply any control signal into inverter, please provide Vcc first. Please follow the reversed
sequence during power off. Power off control signal first, then power off Vcc.
SW 1
a
b
Operation of unit
Operation
Non operation
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1
Vin
21.6 ~ 26.4 Vdc
CN 1-2
Vin
21.6 ~ 26.4 Vdc
CN 1-3
Vrm t
0 ~ 0.4 = OFF / 2.5 ~ 5.5 = ON
CN 1-4
Vbr
0 ~ 5.0 Vdc
CN 1-5
GND
-
CN 1-6
GND
-
Output side CN2
Pin No.
Symbols
Ratings
CN 2-1
Vhigh
1.000 Vrm s (5 m Arm s )
CN 2-2
N.C.
-
CN 2-3
Vlow
(GND)
Vin (V)
Vbr (V)
Tu (°C)
Min.
Typ.
Max.
Output Current
Iout
24±1.2
0.0
-10 ~ +50
4.5
5.0
5.5
m Arm s
Dut y 10 0 %
Output Current
Iout
24±0.6
5.0
-10 ~ +50
-
20
-
%
Input Current
Iin
24±1.2
0.0
-10 ~ +50
-
0.4
0.5
Adc
Frequency
F
24±1.2
0.0
-10 ~ +50
50
60
70
kHz
Open Circuit Voltage
Vopen
11.4
0.0
-10 ~ +50
2.200
2.400
2.700
Vrm s
No Load Shotdow n
Ts d
24±1.2
0.0
-10 ~ +50
-
1.0
-
s ec
wit ho ut lo ad
Unit
Note
Parameters
Symbols
Conditions
Specification


Similar Part No. - PS-DA0148-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0140-01 POWER-SYSTEMS-PS-DA0140-01 Datasheet
69Kb / 2P
   DC-AC INVERTER UNIT 8 W SINGLE OUTPUT
PS-DA0140-01S POWER-SYSTEMS-PS-DA0140-01S Datasheet
69Kb / 2P
   DC-AC INVERTER UNIT 8 W SINGLE OUTPUT
PS-DA0143-01 POWER-SYSTEMS-PS-DA0143-01 Datasheet
157Kb / 5P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0143-01S POWER-SYSTEMS-PS-DA0143-01S Datasheet
157Kb / 5P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
More results

Similar Description - PS-DA0148-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0129-03-E POWER-SYSTEMS-PS-DA0129-03-E Datasheet
209Kb / 4P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0151-02 POWER-SYSTEMS-PS-DA0151-02 Datasheet
139Kb / 3P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0137-256-B POWER-SYSTEMS-PS-DA0137-256-B Datasheet
152Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0143-01 POWER-SYSTEMS-PS-DA0143-01 Datasheet
157Kb / 5P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-01 POWER-SYSTEMS-PS-DA0129-01 Datasheet
194Kb / 5P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0137-02 POWER-SYSTEMS-PS-DA0137-02 Datasheet
233Kb / 4P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-184 POWER-SYSTEMS-PS-DA0129-184 Datasheet
144Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-02 POWER-SYSTEMS-PS-DA0129-02 Datasheet
193Kb / 5P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-04-E POWER-SYSTEMS-PS-DA0129-04-E Datasheet
267Kb / 4P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-176-E-B POWER-SYSTEMS-PS-DA0129-176-E-B Datasheet
131Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com