Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL10001031RD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SPL10001031RD
Description  Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPL10001031RD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SPL10001031RD Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL10001031RD Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL10001031RD Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL10001031RD Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL10001031RD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 4
Wiper
Stock Wiper
Typical wiper materials are delrin, plastic injection molded products, metal rollers with back-loaded springs,
sliders attached to lead-screws, etc. With small quantities, an off-the-shelf solution might be easier, while with
higher quantities or space limitations a custom wiper may be required.
The stock 1-3 Newton wiper is an excellent product for most applications. In case of unique applications,
extreme environment or cycle needs, it is recommended to seek the advice of the Spectra Symbol Design
Department. The selection of the correct wiper (material, form) can affect the life cycle and electrical output of
the SoftPot.
Dimensional Diagram
Ø2.70 [Ø0.106]
14.00 [0.551]
6.00 [0.236]
16.00 [0.629]
1.00 [0.039]
How to Order - Stock Wiper
03
Max. Force
M1
Thread Pitch
M1 = M1.0
WP
Series
WP = Wiper
01 = 1 Newton
03 = 3 Newtons
01
014
014 = 14mm
Min. Force
Threaded Body
Length
DI
DI = Delrin
Tip Material
Mechanical Specifications
-Minimum Force: 1 Newton
-Maximum Force: 3 Newtons
-Tip Material: Delrin
-Thread Pitch: M1.0 (1mm)


Similar Part No. - SPL10001031RD

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SPL10100CTPT CHENMKO-SPL10100CTPT Datasheet
172Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1020CTPT CHENMKO-SPL1020CTPT Datasheet
178Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1020LLCTPT CHENMKO-SPL1020LLCTPT Datasheet
172Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1020LLPT CHENMKO-SPL1020LLPT Datasheet
162Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1030CTPT CHENMKO-SPL1030CTPT Datasheet
178Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPL10001031RD

ManufacturerPart #DatasheetDescription
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
FOTEK CONTROLS CO., LTD...
MR-30X FOTEK-MR-30X Datasheet
784Kb / 3P
   MINI & WATER-PROOF PHOTO SENSOR
logo
List of Unclassifed Man...
MP1L00501035ST ETC2-MP1L00501035ST Datasheet
319Kb / 4P
   Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com