Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUS-1215E Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # PUS-1215E
Description  DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PUS-1215E Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  PUS-1215E Datasheet HTML 1Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 2Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 3Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 4Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 5Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 6Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 7Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 8Page - Power Systems GmbH+Co.KG PUS-1215E Datasheet HTML 9Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.Power-Systems.de
Page: 3 / 9
Version: 4-Oct-02
PU Series ( 1W UNREGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
SELECTION GUIDE (2)
1W 3000VDC ISOLATION
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
PACKAGE
PUS-0505-3K
5
5
200
274
21
73
3000
B
PUS-0512-3K
5
12
84
255
28
78
3000
B
PUS-0515-3K
5
15
67
253
28
79
3000
B
PUD-0505-3K
5
+/-5
+/-100
274
21
73
3000
B
PUD-0512-3K
5
+/-12
+/-42
253
28
79
3000
B
PUD-0515-3K
5
+/-15
+/-34
253
28
79
3000
B
PUS-1205-3K
12
5
200
112
11
74
3000
B
PUS-1212-3K
12
12
84
102
10
82
3000
B
PUS-1215-3K
12
15
67
100
11
83
3000
B
PUD-1205-3K
12
+/-5
+/-100
112
11
74
3000
B
PUD-1212-3K
12
+/-12
+/-42
101
10
83
3000
B
PUD-1215-3K
12
+/-15
+/-34
101
10
83
3000
B
PUS-2405-3K
24
5
200
57
9
73
3000
D
PUS-2412-3K
24
12
84
54
8
77
3000
D
PUS-2415-3K
24
15
67
52
7
80
3000
D
PUD-2405-3K
24
+/-5
+/-100
57
9
73
3000
D
PUD-2412-3K
24
+/-12
+/-42
54
8
77
3000
D
PUD-2415-3K
24
+/-15
+/-34
52
7
80
3000
D
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
PUS-****-3K(SINGLE OUTPUT 3000V ISOLATION)
PUD-****-3K(DUAL OUTPUT 3000V ISOLATION)


Similar Part No. - PUS-1215E

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PUS-1215-2W POWER-SYSTEMS-PUS-1215-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
More results

Similar Description - PUS-1215E

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com