Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUS-1205A Datasheet(PDF) 8 Page - Power Systems GmbH+Co.KG

Part # PUS-1205A
Description  DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PUS-1205A Datasheet(HTML) 8 Page - Power Systems GmbH+Co.KG

  PUS-1205A Datasheet HTML 1Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 2Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 3Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 4Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 5Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 6Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 7Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 8Page - Power Systems GmbH+Co.KG PUS-1205A Datasheet HTML 9Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.Power-Systems.de
Page: 8 / 9
Version: 4-Oct-02
PU Series ( 1W UNREGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
VOUT VS LOAD(12Vout Models)
VOUT VS LOAD(+/- 12Vout Models)
11.5
12.0
12.5
13.0
13.5
0
20
406080
Output Current(mA)
11.5
12.0
12.5
13.0
13.5
0
+/-10
+/-20
+/-30
+/-40
Output Current(mA)
VOUT VS LOAD(15Vout Models)
VOUT VS LOAD(+/- 15Vout Models)
14.5
15.0
15.5
16.0
16.5
0
15
304560
Output Current(mA)
14.5
15.0
15.5
16.0
16.5
0
+/-7.5
+/-15 +/-22.5 +/-30
Output Current(mA)
EFFICIENCY VS LOAD
DERATING CURVE
0.0
20.0
40.0
60.0
80.0
0
20406080
100
% OF RATED LOAD(%)
0.0
0.3
0.6
0.9
1.2
-25
0
25
50
70
100
TA(degree C)
SAFE
OPERATING
AREA


Similar Part No. - PUS-1205A

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PUS-1205-2W POWER-SYSTEMS-PUS-1205-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
More results

Similar Description - PUS-1205A

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com