Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRS-1205-2 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # SRS-1205-2
Description  DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

SRS-1205-2 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  SRS-1205-2 Datasheet HTML 1Page - Power Systems GmbH+Co.KG SRS-1205-2 Datasheet HTML 2Page - Power Systems GmbH+Co.KG SRS-1205-2 Datasheet HTML 3Page - Power Systems GmbH+Co.KG SRS-1205-2 Datasheet HTML 4Page - Power Systems GmbH+Co.KG SRS-1205-2 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
SR Series (0,5W TO 1W REGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
SELECTION GUIDE
0.5W-1W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
OUTPUT
POWER
(Watt)
SRS-0505-1
4.5-5.5
5
100
161
12
62
1000
0.5W
SRS-0509-1
4.5-5.5
9
56
175
11
57
1000
0.5W
SRS-0512-1
4.5-5.5
12
42
161
11
62
1000
0.5W
SRS-0515-1
4.5-5.5
15
34
173
37
58
1000
0.5W
SRS-1205-1
10.8-13.2
5
100
62
7
67
1000
0.5W
SRS-1209-1
10.8-13.2
9
56
66
5
63
1000
0.5W
SRS-1212-1
10.8-13.2
12
42
64
5
65
1000
0.5W
SRS-1215-1
10.8-13.2
15
34
64
5
65
1000
0.5W
SRS-2405-1
21.6-26.4
5
100
32
4
65
1000
0.5W
SRS-2409-1
21.6-26.4
9
56
32
3
65
1000
0.5W
SRS-2412-1
21.6-26.4
12
42
36
9
58
1000
0.5W
SRS-2415-1
21.6-26.4
15
34
30
3
70
1000
0.5W
SRS-4805-1
43.2-52.8
5
100
18
2
58
1000
0.5W
SRS-4809-1
43.2-52.8
9
56
18
2
58
1000
0.5W
SRS-4812-1
43.2-52.8
12
42
16
2
65
1000
0.5W
SRS-4815-1
43.2-52.8
15
34
16
2
65
1000
0.5W
SRS-0505-2
4.5-5.5
5
200
322
23
62
1000
1W
SRS-0509-2
4.5-5.5
9
111
333
22
60
1000
1W
SRS-0512-2
4.5-5.5
12
84
322
22
62
1000
1W
SRS-0515-2
4.5-5.5
15
67
322
21
62
1000
1W
SRS-1205-2
10.8-13.2
5
200
124
12
67
1000
1W
SRS-1209-2
10.8-13.2
9
111
134
13
62
1000
1W
SRS-1212-2
10.8-13.2
12
84
130
11
64
1000
1W
SRS-1215-2
10.8-13.2
15
67
130
11
64
1000
1W
SRS-2405-2
21.6-26.4
5
200
61
7
68
1000
1W
SRS-2409-2
21.6-26.4
9
111
64
6
65
1000
1W
SRS-2412-2
21.6-26.4
12
84
60
6
70
1000
1W
SRS-2415-2
21.6-26.4
15
67
60
6
70
1000
1W
SRS-4805-2
43.2-52.8
5
200
30
4
70
1000
1W
SRS-4809-2
43.2-52.8
9
111
30
3
70
1000
1W
SRS-4812-2
43.2-52.8
12
84
29
3
72
1000
1W
SRS-4815-2
43.2-52.8
15
67
29
3
72
1000
1W


Similar Part No. - SRS-1205-2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SRS-1205 MEANWELL-SRS-1205 Datasheet
159Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
SRS-1205 MEANWELL-SRS-1205 Datasheet
161Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
More results

Similar Description - SRS-1205-2

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com