Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUS-4809-1 Datasheet(PDF) 6 Page - Power Systems GmbH+Co.KG

Part # SUS-4809-1
Description  DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

SUS-4809-1 Datasheet(HTML) 6 Page - Power Systems GmbH+Co.KG

  SUS-4809-1 Datasheet HTML 1Page - Power Systems GmbH+Co.KG SUS-4809-1 Datasheet HTML 2Page - Power Systems GmbH+Co.KG SUS-4809-1 Datasheet HTML 3Page - Power Systems GmbH+Co.KG SUS-4809-1 Datasheet HTML 4Page - Power Systems GmbH+Co.KG SUS-4809-1 Datasheet HTML 5Page - Power Systems GmbH+Co.KG SUS-4809-1 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.Power-Systems.de
Page: 6 / 6
Version: 4-Oct-02
SU Series (0,5W TO 1W UNREGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
SU SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
Output filtering is required for operation. A minimum of 10uF is needed. Output
capacitance may be increased for additional filtering, not to exceed 220uF.
To meet the reflected ripple requirements of the converter, an input impedance of
less than 0.5ohm from DC to 250KHz is required.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground
and connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Power Systems – The Power Solution
74360 Ilsfeld-Auenstein ( Germany ) Dörnet 8
Tel: + 49 / 70 62 / 67 59 – 6
Fax: + 49 / 70 62 / 67 59 -80
E-mail: Info@Power-Systems.de
Home Page: www.Power-Systems.de


Similar Part No. - SUS-4809-1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
167Kb / 1P
   1W DC-DC Unregulated Single Output Converter
logo
List of Unclassifed Man...
SUS01L ETC1-SUS01L Datasheet
100Kb / 4P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
SUS01L-05 ETC1-SUS01L-05 Datasheet
100Kb / 4P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Mean Well Enterprises C...
SUS01L-05 MEANWELL-SUS01L-05 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results

Similar Description - SUS-4809-1

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com