Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWS-4815 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # FWS-4815
Description  DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

FWS-4815 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  FWS-4815 Datasheet HTML 1Page - Power Systems GmbH+Co.KG FWS-4815 Datasheet HTML 2Page - Power Systems GmbH+Co.KG FWS-4815 Datasheet HTML 3Page - Power Systems GmbH+Co.KG FWS-4815 Datasheet HTML 4Page - Power Systems GmbH+Co.KG FWS-4815 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
FW Series ( 8 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE
8W OUTPUT
INPUT
4
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
5
ISOLATION
(VDC)
FWS-1203.3
9-18
3.3
2000
753
50
73
1000
FWS-1205
9-18
5
1600
888
50
75
1000
FWS-1209
9-18
9
888
813
50
82
1000
FWS-1212
9-18
12
670
813
50
82
1000
FWS-1215
9-18
15
533
803
50
83
1000
FWD-1205
9-18
+/-5
+/-800
867
50
77
1000
FWD-1209
9-18
+/-9
+/-444
860
40
78
1000
FWD-1212
9-18
+/-12
+/-335
813
50
82
1000
FWD-1215
9-18
+/-15
+/-267
803
50
83
1000
FWS-2403.3
18-36
3.3
2000
367
25
75
1000
FWS-2405
18-36
5
1600
422
25
79
1000
FWS-2409
18-36
9
888
402
25
83
1000
FWS-2412
18-36
12
670
402
25
83
1000
FWS-2415
18-36
15
533
402
25
83
1000
FWD-2405
18-36
+/-5
+/-800
422
25
79
1000
FWD-2409
18-36
+/-9
+/-444
420
30
79
1000
FWD-2412
18-36
+/-12
+/-335
402
25
83
1000
FWD-2415
18-36
+/-15
+/-267
402
25
83
1000
FWS-4803.3
36-72
3.3
2000
183
15
75
1000
FWS-4805
36-72
5
1600
210
15
79
1000
FWS-4809
36-72
9
888
201
15
83
1000
FWS-4812
36-72
12
670
201
15
83
1000
FWS-4815
36-72
15
533
201
15
83
1000
FWD-4805
36-72
+/-5
+/-800
201
15
83
1000
FWD-4812
36-72
+/-12
+/-335
201
15
83
1000
FWD-4815
36-72
+/-15
+/-267
201
15
83
1000
Note: Other input to output voltages may be available. Please contact factory.
4 NOMINAL INPUT VOLTAGE.
5 NOMINAL INPUT VOLTAGE,FULL LOAD.


Similar Part No. - FWS-4815

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWS-10A20F COOPER-FWS-10A20F Datasheet
1Mb / 21P
   Ferrule fuses
FWS-12A20F COOPER-FWS-12A20F Datasheet
1Mb / 21P
   Ferrule fuses
FWS-15A20F COOPER-FWS-15A20F Datasheet
1Mb / 21P
   Ferrule fuses
FWS-15A20F COOPER-FWS-15A20F Datasheet
88Kb / 1P
   FWL/FWS 1250V/1500V
logo
JDS Uniphase Corporatio...
FWS-200011000 JDSU-FWS-200011000 Datasheet
143Kb / 3P
   Amplified Spontaneous Emission Noise Rejection Filter
More results

Similar Description - FWS-4815

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com