Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAWD-1205 Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # KAWD-1205
Description  DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

KAWD-1205 Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  KAWD-1205 Datasheet HTML 1Page - Power Systems GmbH+Co.KG KAWD-1205 Datasheet HTML 2Page - Power Systems GmbH+Co.KG KAWD-1205 Datasheet HTML 3Page - Power Systems GmbH+Co.KG KAWD-1205 Datasheet HTML 4Page - Power Systems GmbH+Co.KG KAWD-1205 Datasheet HTML 5Page - Power Systems GmbH+Co.KG KAWD-1205 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.Power-Systems.de
Page: 3 / 6
Version: 4-Oct-02
KAW Series ( 30 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PWM
CONTROLLER
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PWM
CONTROLLER
Common
MECHANICAL DIMENSIONS
PIN
SINGLE
DUAL
1
Remote On/Off
2
NO PIN
NO PIN
3
-Vin
-Vin
4
+Vin
+Vin
5
NO PIN
+Vout
6
+Vout
Common
7
-Vout
-Vout
8
TRIM
TRIM
All dimensions are in millimeters[inches]
50.8[2.00]
21.0[0.82]
50.8[2.00]
2.5[0.10]
12.7[0.50]
8.3[0.33]
30.48[1.20]
3
4
8
1
2
22.9[0.90] 15.24[0.60]
7
45.72[1.80]
BOTTOM
VIEW
SIDE
VIEW
6
5
Remote On/Off Control
Control Input
PIN1 Control Common
PIN3
Control Voltage
Converter Shutdown Idle Current
10mA
ON
>+2.5VDC or Open Circuit
OFF
<+0.8VDC or Jumper to PIN3
Logic Compatibility
CMOS or Open
Collector TTL


Similar Part No. - KAWD-1205

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
KAW DIWELL-KAW Datasheet
556Kb / 8P
   30W WIDE INPUT RANGE
2013/06/27
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
logo
Guangdong Kexin Industr...
KAW56 KEXIN-KAW56 Datasheet
41Kb / 1P
   Dual Surface Mount Switching Diode
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
KAW56DW KEXIN-KAW56DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results

Similar Description - KAWD-1205

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com