Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUS-2415 Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # DUS-2415
Description  DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

DUS-2415 Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  DUS-2415 Datasheet HTML 1Page - Power Systems GmbH+Co.KG DUS-2415 Datasheet HTML 2Page - Power Systems GmbH+Co.KG DUS-2415 Datasheet HTML 3Page - Power Systems GmbH+Co.KG DUS-2415 Datasheet HTML 4Page - Power Systems GmbH+Co.KG DUS-2415 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.Power-Systems.de
Page: 3 / 5
Version: 4-Oct-02
DU Series ( 5W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
-Vin
+Vin
+Vout
-Vout
OSCILLATOR
DRIVER
-Vin
OSCILLATOR
DRIVER
+Vin
+Vout
-Vout
COMMON
MECHANICAL DIMENSIONS
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
NO PIN
Common
5
-Vout
-Vout
RECOMMENDED FOOTPRINT DETAILS


Similar Part No. - DUS-2415

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 18P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
DUS1250EF DELTA-DUS1250EF_14 Datasheet
669Kb / 18P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
DUS1250EG DELTA-DUS1250EG Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
DUS1250EG DELTA-DUS1250EG Datasheet
669Kb / 18P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
More results

Similar Description - DUS-2415

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
logo
Vicor Corporation
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X320Y30A VICOR-B048X320Y30A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com