Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPL03001031RL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HPL03001031RL
Description  High Life Cycle, High Temperature Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPL03001031RL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HPL03001031RL Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL03001031RL Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL03001031RL Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL03001031RL Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL03001031RL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 4
Wiper
Stock Wiper
Typical wiper materials are delrin, plastic injection molded products, metal rollers with back-loaded springs,
sliders attached to lead-screws, etc. With small quantities, an off-the-shelf solution might be easier, while with
higher quantities or space limitations a custom wiper may be required.
The stock 1-3 Newton wiper is an excellent product for most applications. In case of unique applications,
extreme environment or cycle needs, it is recommended to seek the advice of the Spectra Symbol Design
Department. The selection of the correct wiper (material, form) can affect the life cycle and electrical output of
the SoftPot.
Dimensional Diagram
Ø2.70 [Ø0.106]
14.00 [0.551]
6.00 [0.236]
16.00 [0.629]
1.00 [0.039]
How to Order - Stock Wiper
03
Max. Force
M1
Thread Pitch
M1 = M1.0
WP
Series
WP = Wiper
01 = 1 Newton
03 = 3 Newtons
01
014
014 = 14mm
Min. Force
Threaded Body
Length
DI
DI = Delrin
Tip Material
Mechanical Specifications
-Minimum Force: 1 Newton
-Maximum Force: 3 Newtons
-Tip Material: Delrin
-Thread Pitch: M1.0 (1mm)


Similar Part No. - HPL03001031RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL0603 ETC-HPL0603 Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603 ETC2-HPL0603 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO ETC-HPL0603-1NO Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603-1NO ETC2-HPL0603-1NO Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO-E02 ETC2-HPL0603-1NO-E02 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
More results

Similar Description - HPL03001031RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10SM80C STMICROELECTRONICS-STPS10SM80C Datasheet
143Kb / 11P
   High junction temperature capability
April 2011 Rev 1
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
STMicroelectronics
SCT20N120 STMICROELECTRONICS-SCT20N120 Datasheet
499Kb / 13P
   Very high operating temperature capability
logo
DB Lectro Inc
SR2R5105Z DBLECTRO-SR2R5105Z Datasheet
303Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5802Z DBLECTRO-SC5R5802Z Datasheet
294Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5403Z DBLECTRO-SC5R5403Z Datasheet
310Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5332Z DBLECTRO-SC5R5332Z Datasheet
319Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5303Z DBLECTRO-SC5R5303Z Datasheet
375Kb / 2P
   High capacitance and low resistance for long cycle life applications
SR2R5504Z DBLECTRO-SR2R5504Z Datasheet
331Kb / 2P
   High capacitance and low resistance for long cycle life applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com