Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CARD-0512M Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # CARD-0512M
Description  DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CARD-0512M Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  CARD-0512M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CARD-0512M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CARD-0512M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CARD-0512M Datasheet HTML 4Page - Power Systems GmbH+Co.KG CARD-0512M Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.Power-Systems.de
Page: 1 / 5
Version: 4-Oct-02
CAR Series ( 2W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-2% max
Input Voltage Range
+/-10% max
Temperature Coefficient
+/-0.03%/ OC
Input Filter
Pi Network
Ripple & Noise (20MHz
BW)
100mVp-p max
Line Regulation
1
+/-0.2% max
Load Regulation
2
+/-0.2% max
GENERAL SPECIFICATIONS
Short Circuit Protection
Current Limit
Protection
Efficiency
58% min
Short Circuit Restart
Automatic
Isolation Voltage
3
1000 VDC min
ENVIRONMENTAL SPECIFICATIONS
Isolation Resistance
109 ohms min
Operating Temperature
-25 OC to +71 OC
Switching Frequency
50 KHz min
Storage Temperature
-55 OC to +125 OC
Isolation Capacitance
80pF max
Cooling
Free-Air Convection
MTBF
850,000 Hours
Weight
12.0g-14.4g
Case Material
Non-Conductive Plastic
Or Six-Sided Shield Case
ALL SPECIFICATIONS TYPICAL AT NOMINAL
LINE, FULL LOAD , AND 25 OC UNLESS
OTHERWISE NOTED.
Case Size
31.8mm*20.3mm*10.2mm
1 High Line to Low Line.
2 Load Regulation is for output load current change from 10% to 100%.
3 For 60 seconds
FEATURES
1000VDC ISOLATION
HIGH EFFICIENCY
SIX-SIDED SHIELD TO REDUCE
EMI
LOW COST
NO EXTERNAL COMPONENTS
REQUIRED
UP TO 2W REGULATED OUTPUT
POWER
DUAL IN LINE PACKAGE
100% BURNED IN
LOW NOISE


Similar Part No. - CARD-0512M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
More results

Similar Description - CARD-0512M

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
logo
Power Systems GmbH+Co.K...
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
   DC - DC CONVERTER 2W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com