Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB14S783S Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # DB14S783S
Description  2-PHASE STEPPING SYSTEMS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DB14S783S Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button DB14S783S Datasheet HTML 5Page - Sanyo Semicon Device DB14S783S Datasheet HTML 6Page - Sanyo Semicon Device DB14S783S Datasheet HTML 7Page - Sanyo Semicon Device DB14S783S Datasheet HTML 8Page - Sanyo Semicon Device DB14S783S Datasheet HTML 9Page - Sanyo Semicon Device DB14S783S Datasheet HTML 10Page - Sanyo Semicon Device DB14S783S Datasheet HTML 11Page - Sanyo Semicon Device DB14S783S Datasheet HTML 12Page - Sanyo Semicon Device DB14S783S Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
8
Input circuit configuration
• Shaded area indicates internal photo coupler ON .
• EXT input signal
EXT photo coupler ON enables a function by external
F/H input signal.
EX T photo coupler
OFF enables the set ting of a
number of micro steps by main units rotary switch S.S.
• F/ H input signal
F/H photo coupler ON sets HALF step (2-division)
operation.
F/H photo coupler OFF sets FULL step (1-division)
operation.
• Refer to switching EXT and F/H input signal in the
[FULL /HALF input signal, command pulse, and step
angle select].
• When switching the step angle by EXT and F/H input
signal, the phase origin LCD may not turn ON and the
phase origin monitor output may not output when stop.
Refer to the MON output in the [Output Interface].
Output circuit configurationBUSYMONAL
Output interface
Mon output
• When the motor excitation phase is at the phase origin
(power ON status), the photo coupler is turned ON ,
and the upper D.P of status LED turns on synchronously.
• Output from MON is set to on at every 7.2 degrees of
motor output shaft from phase origin.
Approx. 10mA
Input signal
Command pulse
100μs MIN.
10μs MIN.
Input circuit configurationPDEXTF/HEMG
Timing of command pulse, step angle selection, and
FULL/HALF selection input signal
Output signal
MAX. 20mA
MAX. 30V
Driver
CW pulse
CCW pulse
Mon output
Phase origin position
Phase origin position
Motor shaft
Switching to FULL step
by external F/H
FULL step
HALF step
Stop position at
FULL step
When changing the division setting by F/H input signal.
• When changing the motor division setting by the
external input signal and the rotary switch as shown in
the example below, the motor cannot stop where MON
output signal can be output. Take this into consideration
when using the MON output signal.


Similar Part No. - DB14S783S

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
DB140A SY-DB140A Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Jinan Jingheng (Group) ...
DB140A JINANJINGHENG-DB140A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Changzhou Shunye Electr...
DB140K SY-DB140K Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
DB140R SY-DB140R Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Jinan Jingheng (Group) ...
DB140R JINANJINGHENG-DB140R Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
More results

Similar Description - DB14S783S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com