Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU14S783S Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # DU14S783S
Description  2-PHASE STEPPING SYSTEMS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DU14S783S Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button DU14S783S Datasheet HTML 3Page - Sanyo Semicon Device DU14S783S Datasheet HTML 4Page - Sanyo Semicon Device DU14S783S Datasheet HTML 5Page - Sanyo Semicon Device DU14S783S Datasheet HTML 6Page - Sanyo Semicon Device DU14S783S Datasheet HTML 7Page - Sanyo Semicon Device DU14S783S Datasheet HTML 8Page - Sanyo Semicon Device DU14S783S Datasheet HTML 9Page - Sanyo Semicon Device DU14S783S Datasheet HTML 10Page - Sanyo Semicon Device DU14S783S Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
6
Specifications
Basic
specifications
Part number
Flange size
DB21M142S-01
42
DB22M162S-01
60
Input source
Note1
DC24 V
±10
Getaway torque
A
2 MAX.
3 MAX.
Environment
Protection class
Class I
Operation environment
Installation category
over-voltage category: II, pollution degree : 2
Applied standards
EN61010-1
Operating ambient temperature
Note2
0 to +40
Conservation temperature
-20 to +60
Operating ambient humidity
35 to 85%RH
no condensation
Conservation humidity
10 to 90%RH
no condensation
Operation altitude
1000 m
3280 feetMAX. above sea level
Vibration resistance
Tested under the following conditions ; 4.9m/s2, frequency range 10 to 55Hz, direction along X, Y
and Z axes, for 2 hours each
Impact resistance
Not influenced at NDS-C-0110 standard section 3.2.2 division C .
Withstand voltage
Not influenced when 1500V AC is applied between power input terminal and cabinet for one
minute.
Insulation resistance
10M ohm MIN. when measured with 500V DC megohmmeter between input terminal and cabinet.
Mass
Weight
0.5kg
1.10lbs
0.87kg
1.92lbs
Function
Protection function
Against driver overheat
LED indicator
Alarm monitor
I/O signals
Command pulse input signal
Note3
Photo coupler input method, input resistance 220
Ω
Input signal voltage : H = 4.0 to 5.5V, L = 0 to 0.5V
Power down input signal
PD
Photo coupler input method, input resistance 470
Ω
Input signal voltage : H = 4.0 to 5.5V, L = 0 to 0.5V
Step angle setting selection input
EXT
Photo coupler input method, input resistance 470
Ω
Input signal voltage : H = 4.0 to 5.5V, L = 0 to 0.5V
FULL/HALF setting selection input
F/H
Photo coupler input method, input resistance 470
Ω
Input signal voltage : H = 4.0 to 5.5V, L = 0 to 0.5V
EMG input signal
Photo coupler input method, input resistance 470
Ω
Input signal voltage : H = 4.0 to 5.5V, L = 0 to 0.5V
BUSY output signal
Open collector output by photo coupler
Output signal standard : Vceo = 30V MAX., Ic = 20mA MAX.
Phase origin monitor output signal
MON
Open collector output by photo coupler
Output signal standard : Vceo = 30V MAX., Ic = 20mA MAX.
Alarm output signal
AL
Open collector output by photo coupler
Output signal standard : Vceo = 30V MAX., Ic = 20mA MAX.
Note1Note that the power voltage must not exceed 24VDC + 10% (26.4VDC).
Note2If the driver is placed in a box, the temperature inside the box must not exceed this specified range.
Note3The maximum input frequency is 250k pulse/s.
B C D
1
R4MIN.
4
−φ4.5 0
+0.5
4
−φ.18 .00
+.02
(EFFECTIVE
LENGTH)
CONNECTOR
:S02B-PASK-2
Manufacturer
:JST
CN1:POWER
2
2
・・・・20
1
・・・・19
Manufacturer
:JST
CONNECTOR
:SM20B-SHLDS-GW-TF
CN2:I/O
RSW
PS
DS
EARTH TERMINAL
M2.5X0.45X4L
A
0.075 A
A
0.1
0.025
Use proper
techniques.
grounding
88
+2
0
7
±0.25(.27±.01)
20.6
±0.5(.81±.02)
60
±0.5(2.36±.02)
5.8
±0.15(.23±.01)
47.1
±0.13(1.85±.01)
1.5
±0.25(.06±.01)
()
3.46
+.08
.00
15
+1
0
()
.59
+.04
.00
()
60mm
1.65inch


Similar Part No. - DU14S783S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU10E ETC2-DU10E Datasheet
83Kb / 3P
   Proximity Sensors Inductive ABS Housing
logo
Tyco Electronics
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
   RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor
logo
Tyco Electronics
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
   RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
More results

Similar Description - DU14S783S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com