Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1119 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK1119
Description  DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1119 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK1119 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1119 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1119 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1119 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1119 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1119 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1119
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±100
nA
Drain cut−off current
IDSS
VDS = 800 V, VGS = 0 V
300
μA
Drain−source breakdown
voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
1000
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 2 A
3.0
3.8
Forward transfer admittance
|Yfs|
VDS = 20 V, ID = 2 A
1.0
2.0
S
Input capacitance
Ciss
700
Reverse transfer capacitance
Crss
55
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
100
pF
Rise time
tr
18
Turn−on time
ton
30
Fall time
tf
12
Switching time
Turn−off time
toff
70
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
60
Gate−source charge
Qgs
35
Gate−drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 6 A
25
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
4
A
Pulse drain reverse current
(Note 1)
IDRP
12
A
Forward voltage (diode)
VDSF
IDR = 4 A, VGS = 0 V
−1.9
V
Marking
Lot No.
Note 2
K1119
Part No. (or abbreviation code)
Note 2: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Similar Part No. - 2SK1119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1119 TOSHIBA-2SK1119 Datasheet
255Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1119 TOSHIBA-2SK1119 Datasheet
890Kb / 6P
   Silicon N Channel MOS Type (짰#8722;MOSII.5) DC−DC Converter and Motor Drive Applications
2SK1119 TOSHIBA-2SK1119 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK1119 ISC-2SK1119 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1119 TOSHIBA-2SK1119_07 Datasheet
890Kb / 6P
   Silicon N Channel MOS Type (짰#8722;MOSII.5) DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK1119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2746 TOSHIBA-2SK2746_09 Datasheet
425Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK2847 TOSHIBA-2SK2847_09 Datasheet
417Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK2398 TOSHIBA-2SK2398_09 Datasheet
454Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK2718 TOSHIBA-2SK2718_09 Datasheet
419Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1359 TOSHIBA-2SK1359_09 Datasheet
415Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1544 TOSHIBA-2SK1544_09 Datasheet
387Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1120 TOSHIBA-2SK1120_09 Datasheet
417Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com