Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPL00252031MP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPL00252031MP
Description  High Life Cycle, High Temperature Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPL00252031MP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPL00252031MP Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL00252031MP Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL00252031MP Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL00252031MP Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL00252031MP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
- High Life Cycle
- High Temperature Capability
- Linear Position Sensor
- IP65 Dust Proof, Water Proof (Intense Spray)
- Fiberglass Substrate
- 3M Pressure Sensitive Adhesive (PSA)
- Upon Request
- Male or Female Nicomatic Connectors
- Wiper of 1-3 Newton Force to Actuate
Part
- Contactless Options Available
spectrasymbol.com
(888) 795-2283
Rev F2 - Page 1
Mechanical Specifications
Environmental Specifications
Electrical Specifications
-Life Cycle: >10 million
-Height: 0.51mm (0.020")
-Actuation Force (with a 10mm wide active cavity):
-40°C 3.0 to 5.0 N
-25°C 2.0 to 5.0 N
+23°C 0.8 to 2.0 N
+85°C 0.7 to 1.8 N
-Operating Temperature: -40°C to +85°C
-Humidity: No affect @ 95% RH, 24hrs 60°C
-IP Rating of Active Area: IP65
Dimensional Diagram - Stock Linear HotPots
A
50.00mm
1.969"
100.00mm
3.937"
150.00mm
5.906"
200.00mm
7.874"
300.00mm
11.811"
400.00mm
15.748"
500.00mm
19.685"
P
65.86mm
2.593"
25.00mm
0.984"
40.86mm
1.609"
12.50mm
0.492"
28.36mm
1.117"
115.86mm
4.562"
165.86mm
6.531"
215.86mm
8.499"
170.00mm
6.693"
185.86mm
7.318"
315.86mm
12.436"
415.86mm
16.373"
515.86mm
20.310"
750.00mm
29.528"
1000.00mm
39.370"
765.86mm
30.153"
1015.86mm
39.995"
T
24.89mm
0.980"
12.70mm
0.500"
-Resistance - Standard: 10k Ohms
(lengths >300mm = 20k Ohms)
-Resistance - Custom: 5k to 100k Ohms
-Resistance Tolerance: ±20%
-Effective Electrical Travel: 10 to 1200mm
-Linearity (Independent): Linear ±1% or ±3%
Rotary ±3% or ±5%
-Repeatability: No hysteresis, but with any wiper
looseness some hysteresis will occur
-Power Rating (depending on size, varies with
length and temperature): 1 Watt max. @ 25°C,
0.5 Watt recommended
-Resolution: Analog output theoretically infinite;
affected by variation of contact wiper surface
area.
-Dielectric Value: No affect @ 500VAC for 1
minute
ACTIVE LENGTH [A]
6.60 [0.260]
PART LENGTH [P]
7.93 [0.312]
20.32 [0.800]
7.11 [0.280]
ACTIVE WIDTH
10.16 [0.400]
TAIL WIDTH
TAIL LENGTH [T]
PIN 1


Similar Part No. - HPL00252031MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL0603 ETC-HPL0603 Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603 ETC2-HPL0603 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO ETC-HPL0603-1NO Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603-1NO ETC2-HPL0603-1NO Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO-E02 ETC2-HPL0603-1NO-E02 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
More results

Similar Description - HPL00252031MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10SM80C STMICROELECTRONICS-STPS10SM80C Datasheet
143Kb / 11P
   High junction temperature capability
April 2011 Rev 1
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
STMicroelectronics
SCT20N120 STMICROELECTRONICS-SCT20N120 Datasheet
499Kb / 13P
   Very high operating temperature capability
logo
DB Lectro Inc
SR2R5105Z DBLECTRO-SR2R5105Z Datasheet
303Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5802Z DBLECTRO-SC5R5802Z Datasheet
294Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5403Z DBLECTRO-SC5R5403Z Datasheet
310Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5332Z DBLECTRO-SC5R5332Z Datasheet
319Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5303Z DBLECTRO-SC5R5303Z Datasheet
375Kb / 2P
   High capacitance and low resistance for long cycle life applications
SR2R5504Z DBLECTRO-SR2R5504Z Datasheet
331Kb / 2P
   High capacitance and low resistance for long cycle life applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com