Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1L03002035MP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MP1L03002035MP
Description  Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP1L03002035MP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MP1L03002035MP Datasheet HTML 1Page - List of Unclassifed Manufacturers MP1L03002035MP Datasheet HTML 2Page - List of Unclassifed Manufacturers MP1L03002035MP Datasheet HTML 3Page - List of Unclassifed Manufacturers MP1L03002035MP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-Resistance - Standard: 10k Ohms
(lengths >300mm = 20k Ohms)
-Resistance - Custom: 5k to 500k Ohms
-Resistance Tolerance: ±20%
-Effective Electrical Travel: 8 to 1200mm
-Resolution: Depends on the exterior magnet
strength and distance to the MagnetoPot
-Power Rating: 0.50 Watt continuous, 1 Watt Peak
-Dielectric Value: No affect @ 500VAC for 1
minute
-Independant Linearity: ±5% (±1% available)
-Hysteresis: 3mm*
*Please note that the hysteresis is directly affected
by the drive magnet size, strength, and distance
from the internal magnet.
Features
- Contactless Linear Sensor
- IP64 Debris Proof, Splash Proof
- Ideal for Hydraulic and Pneumatic Position
Sensing
- Liquid Level Capability
- Upon request
- Male or Female Nicomatic Connectors
- Corresponding Exterior Magnet
spectrasymbol.com
(888) 795-2283
Rev G1 - Page 1
Mechanical Specifications
Environmental Specifications
Electrical Specifications
-Life Cycle: >1 million
-Height: 3.50mm (0.138")
-Actuation Force: 0.09 to 0.11 lbs pull force at
desired distance (pull force rating is for the
exterior magnet using a test plate of cold rolled
steel).
-Operating Temperature: up to +85°C
-IP Rating of Active Area: IP64
Dimensional Diagram - Stock Linear MagnetoPots
ACTIVE LENGTH [A]
8.24 [0.325]
PART LENGTH [P]
7.93 [0.312]
20.32 [0.800]
3.81 [0.150]
ACTIVE WIDTH
10.16 [0.400]
TAIL WIDTH
TAIL LENGTH [T]
PIN 1
A
50.00mm
1.969"
100.00mm
3.937"
150.00mm
5.906"
200.00mm
7.874"
300.00mm
11.811"
400.00mm
15.748"
500.00mm
19.685"
P
65.86mm
2.593"
25.00mm
0.984"
40.86mm
1.609"
12.50mm
0.492"
28.36mm
1.117"
115.86mm
4.562"
165.86mm
6.531"
215.86mm
8.499"
171.89mm
6.768"
185.86mm
7.318"
315.86mm
12.436"
415.86mm
16.373"
515.86mm
20.310"
750.00mm
29.528"
1000.00mm
39.370"
765.86mm
30.153"
1015.86mm
39.995"
T
24.89mm
0.980"
12.70mm
0.500"


Similar Part No. - MP1L03002035MP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
logo
Emerson Network Power
MP1 EMERSON-NETWORKPOWER-MP1 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
   Miniature SPST Micro Switches
logo
List of Unclassifed Man...
MP1-10B ETC2-MP1-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP1-10C ETC2-MP1-10C Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP1L03002035MP

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
Glenair, Inc.
370AA006B08 GLENAIR-370AA006B08 Datasheet
207Kb / 2P
   Splash-Proof Cable Sealing Backshell
370AA005B08 GLENAIR-370AA005B08 Datasheet
200Kb / 2P
   Splash-Proof Cable Sealing Backshell
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
Molex Electronics Ltd.
0501488100 MOLEX7-0501488100 Datasheet
88Kb / 2P
   Splash Proof Crimp Terminal 50148, Bag
logo
List of Unclassifed Man...
9WV0948P1H001 ETC2-9WV0948P1H001 Datasheet
122Kb / 2P
   Splash Proof Fan San Ace 92W
logo
SANYO DENKI CO., LTD.
9WPA0612P4G001 SANYODENKI-9WPA0612P4G001 Datasheet
743Kb / 4P
   San Ace 60W Splash Proof Fan
logo
Molex Electronics Ltd.
0501488000 MOLEX7-0501488000 Datasheet
89Kb / 3P
   Splash Proof Crimp Terminal 50148, Reel
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
SANYO DENKI CO., LTD.
9B1W2TP24P0H001 SANYODENKI-9B1W2TP24P0H001 Datasheet
840Kb / 4P
   Bracket-mounted Splash Proof Centrifugal Fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com