Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPL03001031MP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HPL03001031MP
Description  High Life Cycle, High Temperature Capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPL03001031MP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HPL03001031MP Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL03001031MP Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL03001031MP Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL03001031MP Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL03001031MP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 3
Customization
How It Works
Top Circuit (Collector)
Circuit Spacer
Bottom Circuit (Resistor)
Bottom Adhesive
In simple terms, the HotPot membrane potentiometer is a resistive element, which comprises a conductive
resistor, a sealed encasement and a simple wiper assembly. A membrane potentiometer can also function as a
voltage divider.
The HotPot is a three-wire system with two resistive output channels and an electrical collector channel.
By pressing a wiper down onto the top circuit the HotPot produces the desired electrical output. The "wiper" is a
non-conductive mechanism that depresses the top circuit actuating the potentiometer from the outside of the
element. The top and bottom circuits are separated by 0.15mm (0.006") of spacer adhesive build-up and contact
between the circuit occurs by pressure (usually 1-3 Newtons) from the wiper on the top circuit, pushing down until
the top circuit connects with the bottom circuit to create a potentiometric output.
The construction of the wiper design can adapt to any application because most materials can serve as the wiper:
plastics, metals, sliders, rollers, wheels, etc. Also, the HotPot can also be manually (hand) actuated.
Customize the size, shape, and even the number of tracks. Such custom requests, for example, can be: multiple
ganged sensors (up to 40 tracks); serpentine active area track; custom lengths 10mm-2000mm; custom rotary
diameters, etc. Feel free to contact Spectra Symbol with your custom request at sales@spectrasymbol.com or
(888)795-2283..


Similar Part No. - HPL03001031MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL0603 ETC-HPL0603 Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603 ETC2-HPL0603 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO ETC-HPL0603-1NO Datasheet
45Kb / 1P
   HPL series, High-Q, high-current thin film chip inductors
HPL0603-1NO ETC2-HPL0603-1NO Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
HPL0603-1NO-E02 ETC2-HPL0603-1NO-E02 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
More results

Similar Description - HPL03001031MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10SM80C STMICROELECTRONICS-STPS10SM80C Datasheet
143Kb / 11P
   High junction temperature capability
April 2011 Rev 1
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
STMicroelectronics
SCT20N120 STMICROELECTRONICS-SCT20N120 Datasheet
499Kb / 13P
   Very high operating temperature capability
logo
DB Lectro Inc
SR2R5105Z DBLECTRO-SR2R5105Z Datasheet
303Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5802Z DBLECTRO-SC5R5802Z Datasheet
294Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5403Z DBLECTRO-SC5R5403Z Datasheet
310Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5332Z DBLECTRO-SC5R5332Z Datasheet
319Kb / 2P
   High capacitance and low resistance for long cycle life applications
SC5R5303Z DBLECTRO-SC5R5303Z Datasheet
375Kb / 2P
   High capacitance and low resistance for long cycle life applications
SR2R5504Z DBLECTRO-SR2R5504Z Datasheet
331Kb / 2P
   High capacitance and low resistance for long cycle life applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com