Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA19989 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA19989
Description  150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19989 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA19989 Datasheet HTML 8Page - NXP Semiconductors TDA19989 Datasheet HTML 9Page - NXP Semiconductors TDA19989 Datasheet HTML 10Page - NXP Semiconductors TDA19989 Datasheet HTML 11Page - NXP Semiconductors TDA19989 Datasheet HTML 12Page - NXP Semiconductors TDA19989 Datasheet HTML 13Page - NXP Semiconductors TDA19989 Datasheet HTML 14Page - NXP Semiconductors TDA19989 Datasheet HTML 15Page - NXP Semiconductors TDA19989 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
7.2.3 Input format mappings
Table 6 gives more information concerning input format supported.
Table 6.
Inputs of video input formatter
Color
space
Format Channels
Sync type Rising
edge
Falling
edge
Double
edge
Transmission
input format
Max. pixel
clock (MHz)
Max. input
format
Comments
Reference
RGB
4 :4:4 3
× 8-bit
external
X
-
150
-
Section 7.2.3.1
X
-
150
-
embedded X
-
150
-
X
-
150
-
YCbCr 4 :4:4 3
× 8-bit
external
X
-
150
-
Section 7.2.3.2
X
-
150
-
embedded X
-
150
-
X
-
150
-
YCbCr 4 :2:2 up to 1
× 12-bit
ITU656-like
external
X
ITU656-like
54.054
480p/576p
Section 7.2.3.3
148.5
720p/1080i
X
ITU656-like
54.054
480p/576p
148.5
720p/1080i
X
ITU656-like
74.25
720p/1080i
double edge
Section 7.2.3.4
embedded X
ITU656-like
54.054
480p/576p
Section 7.2.3.5
148.5
720p/1080i
X
ITU656-like
54.054
480p/576p
148.5
720p/1080i
X
ITU656-like
74.25
720p/1080i
double edge
Section 7.2.3.6
up to 2
× 8-bit
semi-planar
external
X
SMPTE293M
148.5
1080p
Section 7.2.3.7
X
SMPTE293M
148.5
1080p
embedded X
SMPTE293M
148.5
1080p
Section 7.2.3.8
X
SMPTE293M
148.5
1080p


Similar Part No. - TDA19989

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
More results

Similar Description - TDA19989

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com