Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9983B Datasheet(PDF) 64 Page - NXP Semiconductors

Part # TDA9983B
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983B Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button TDA9983B Datasheet HTML 60Page - NXP Semiconductors TDA9983B Datasheet HTML 61Page - NXP Semiconductors TDA9983B Datasheet HTML 62Page - NXP Semiconductors TDA9983B Datasheet HTML 63Page - NXP Semiconductors TDA9983B Datasheet HTML 64Page - NXP Semiconductors TDA9983B Datasheet HTML 65Page - NXP Semiconductors TDA9983B Datasheet HTML 66Page - NXP Semiconductors TDA9983B Datasheet HTML 67Page - NXP Semiconductors TDA9983B Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 119 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 83.
I2C-bus registers of memory page 10h[1]
Register
Sub
addr
R/W
Bit
Default value
7 (MSB)
6
5
4
3
2
1
0 (LSB)
Not used
00h
-
-
0000 0000
::
:
:
:
Not used
1Fh
-
-
0000 0000
VSP_IF_TYPE
20h
R/W
VSP_IF_TYPE[7:0]
1000 0001
VSP_IF_VERSION
21h
R/W
VSP_IF_VERSION[7:0]
0000 0000
VSP_IF_LENGTH
22h
R/W
x
x
x
VSP_IF_LENGTH[4:0]
0000 0000
VSP_IF_CHECKSUM
23h
R/W
VSP_IF_CHECKSUM[7:0]
0000 0000
VSP_IF_IEEE_LSB
24h
R/W
VSP_IF_IEEE[7:0]
0000 0000
VSP_IF_IEEE_ISB
25h
R/W
VSP_IF_IEEE[15:8]
0000 0000
VSP_IF_IEEE_MSB
26h
R/W
VSP_IF_IEEE[23:16]
0000 0000
VSP_IF_BYTE4
27h
R/W
VSP_IF_PB4[7:0]
0000 0000
VSP_IF_BYTE5
28h
R/W
VSP_IF_PB5[7:0]
0000 0000
VSP_IF_BYTE6
29h
R/W
VSP_IF_PB6[7:0]
0000 0000
VSP_IF_BYTE7
2Ah
R/W
VSP_IF_PB7[7:0]
0000 0000
VSP_IF_BYTE8
2Bh
R/W
VSP_IF_PB8[7:0]
0000 0000
VSP_IF_BYTE9
2Ch
R/W
VSP_IF_PB9[7:0]
0000 0000
VSP_IF_BYTE10
2Dh
R/W
VSP_IF_PB10[7:0]
0000 0000
VSP_IF_BYTE11
2Eh
R/W
VSP_IF_PB11[7:0]
0000 0000
VSP_IF_BYTE12
2Fh
R/W
VSP_IF_PB12[7:0]
0000 0000
VSP_IF_BYTE13
30h
R/W
VSP_IF_PB13[7:0]
0000 0000
VSP_IF_BYTE14
31h
R/W
VSP_IF_PB14[7:0]
0000 0000
VSP_IF_BYTE15
32h
R/W
VSP_IF_PB15[7:0]
0000 0000
VSP_IF_BYTE16
33h
R/W
VSP_IF_PB16[7:0]
0000 0000
VSP_IF_BYTE17
34h
R/W
VSP_IF_PB17[7:0]
0000 0000
VSP_IF_BYTE18
35h
R/W
VSP_IF_PB18[7:0]
0000 0000
VSP_IF_BYTE19
36h
R/W
VSP_IF_PB19[7:0]
0000 0000
VSP_IF_BYTE20
37h
R/W
VSP_IF_PB20[7:0]
0000 0000
VSP_IF_BYTE21
38h
R/W
VSP_IF_PB21[7:0]
0000 0000
VSP_IF_BYTE22
39h
R/W
VSP_IF_PB22[7:0]
0000 0000
VSP_IF_BYTE23
3Ah
R/W
VSP_IF_PB23[7:0]
0000 0000
VSP_IF_BYTE24
3Bh
R/W
VSP_IF_PB24[7:0]
0000 0000
VSP_IF_BYTE25
3Ch
R/W
VSP_IF_PB25[7:0]
0000 0000


Similar Part No. - TDA9983B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results

Similar Description - TDA9983B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com