Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9983B Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA9983B
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983B Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA9983B Datasheet HTML 27Page - NXP Semiconductors TDA9983B Datasheet HTML 28Page - NXP Semiconductors TDA9983B Datasheet HTML 29Page - NXP Semiconductors TDA9983B Datasheet HTML 30Page - NXP Semiconductors TDA9983B Datasheet HTML 31Page - NXP Semiconductors TDA9983B Datasheet HTML 32Page - NXP Semiconductors TDA9983B Datasheet HTML 33Page - NXP Semiconductors TDA9983B Datasheet HTML 34Page - NXP Semiconductors TDA9983B Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
31 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
2 to 0
SWAP_B[2:0]
W
swap B selector
000
pin VPC[7:4] = vp[19:16]
001*
pin VPC[3:0] = vp[19:16]
010
pin VPB[7:4] = vp[19:16]
011
pin VPB[3:0] = vp[19:16]
100
pin VPA[7:4] = vp[19:16]
other
pin VPA[3:0] = vp[19:16]
Table 25.
VIP_CNTRL_1 register (address 21h) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7
MIRR_C
W
mirror C
0*
no specific action
1
mirror nibble; m[15:12] = s[12:15]
6 to 4
SWAP_C[2:0]
W
swap C selector
000
pin VPC[7:4] = vp[15:12]
001
pin VPC[3:0] = vp[15:12]
010*
pin VPB[7:4] = vp[15:12]
011
pin VPB[3:0] = vp[15:12]
100
pin VPA[7:4] = vp[15:12]
other
pin VPA[3:0] = vp[15:12]
3
MIRR_D
W
mirror D
0*
no specific action
1
mirror nibble; m[11:8] = s[8:11]
2 to 0
SWAP_D[2:0]
W
swap D selector
000
pin VPC[7:4] = vp[11:8]
001
pin VPC[3:0] = vp[11:8]
010
pin VPB[7:4] = vp[11:8]
011
pin VPB[3:0] = vp[11:8]
100*
pin VPA[7:4] = vp[11:8]
other
pin VPA[3:0] = vp[11:8]
Table 26.
VIP_CNTRL_2 register (address 22h) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7
MIRR_E
W
mirror E
0*
no specific action
1
mirror nibble; m[7:4] = s[4:7]
Table 24.
VIP_CNTRL_0 register (address 20h) bit description …continued
Legend: * = default value
Bit
Symbol
Access
Value
Description


Similar Part No. - TDA9983B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results

Similar Description - TDA9983B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com