Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9983B Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9983B
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983B Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9983B Datasheet HTML 14Page - NXP Semiconductors TDA9983B Datasheet HTML 15Page - NXP Semiconductors TDA9983B Datasheet HTML 16Page - NXP Semiconductors TDA9983B Datasheet HTML 17Page - NXP Semiconductors TDA9983B Datasheet HTML 18Page - NXP Semiconductors TDA9983B Datasheet HTML 19Page - NXP Semiconductors TDA9983B Datasheet HTML 20Page - NXP Semiconductors TDA9983B Datasheet HTML 21Page - NXP Semiconductors TDA9983B Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
18 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
8.3 Synchronization
The TDA9983B can be synchronized with Hsync/Vsync external inputs or with extraction
of the sync information from embedded sync (SAV/EAV) codes inside the video stream.
8.3.1 Timing extraction generator
This block can extract the synchronization signals Href, Vref and Fref from Start Active
Video (SAV) and End Active Video (EAV) in case of embedded synchronization in the data
stream. Synchronization signals can be embedded in RGB, YCBCR 4 : 4 : 4, YCBCR
4:2:2 semi-planar (up to 2
× 12-bit), YC
BCR 4:2:2 ITU656 and ITU656-like (up to
1
× 12-bit).
8.3.2 Data enable generator
The TDA9983B contains a Data Enable (DE) generator; this can generate an internal DE
signal for a system which does not provide one.
8.4 Input and output video format
Due to the flexible video input formatter, the TDA9983B can accept a large range of input
formats. This flexibility allows the TDA9983B to be compatible with the maximum possible
number of MPEG decoders. Moreover, these input formats may be changed in many ways
(color space converter, upsampler, downsampler and scaler) to be transmitted across the
HDMI link. Table 14 gives the possible inputs and outputs.
8.5 Upsampler
The incoming YCBCR 4 : 2 : 2 (2 × 12-bit) data stream format could be upsampled into a
12-bit YCBCR 4 : 4 : 4 (3 × 12-bit) data stream by repeating or linearly interpolating the
chrominance pixels.
Table 14.
Use of color space converter, upsampler, downsampler and scaler
Input
Scaler
Output
Color space
Format
Channels
Color space
Format
Channels
RGB
4:4:4
3
× 8-bit
no scaling
RGB
4:4:4
3
× 8-bit
no scaling
YCBCR
4:2:2
2
× 12-bit
no scaling
YCBCR
4:4:4
3
× 8-bit
YCBCR
4:4:4
3
× 8-bit
no scaling
RGB
4:4:4
3
× 8-bit
no scaling
YCBCR
4:2:2
2
× 12-bit
no scaling
YCBCR
4:4:4
3
× 8-bit
YCBCR
4 : 2 : 2
up to 1
× 12-bit
scalable
YCBCR
4:2:2
2
× 12-bit
scalable
YCBCR
4:4:4
3
× 8-bit
scalable
RGB
4:4:4
3
× 8-bit
up to 2
× 12-bit
scalable
YCBCR
4:2:2
2
× 12-bit
scalable
YCBCR
4:4:4
3
× 8-bit
scalable
RGB
4:4:4
3
× 8-bit


Similar Part No. - TDA9983B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW NXP-TDA9983AHW Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/15/C1xx NXP-TDA9983AHW/15/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983AHW/8/C1xx NXP-TDA9983AHW/8/C1xx Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results

Similar Description - TDA9983B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com