Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9955HL Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA9955HL
Description  Triple 8-bit analog-to-digital video converter for HDTV
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9955HL Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA9955HL Datasheet HTML 25Page - NXP Semiconductors TDA9955HL Datasheet HTML 26Page - NXP Semiconductors TDA9955HL Datasheet HTML 27Page - NXP Semiconductors TDA9955HL Datasheet HTML 28Page - NXP Semiconductors TDA9955HL Datasheet HTML 29Page - NXP Semiconductors TDA9955HL Datasheet HTML 30Page - NXP Semiconductors TDA9955HL Datasheet HTML 31Page - NXP Semiconductors TDA9955HL Datasheet HTML 32Page - NXP Semiconductors TDA9955HL Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
TDA9955HL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 17 March 2008
29 of 52
NXP Semiconductors
TDA9955HL
Triple 8-bit analog-to-digital video converter for HDTV
[1]
In progressive case bits VS_F2_LINE_START[12:0] and VS_F2_LINE_WIDTH[7:0] must be set to logic 0.
B9h
VS_F1_PIX_S_LSB
7 to 0 VS_F1_PIX_START[7:0]
W
01h*
vertical sync pixel start for field
1: position in number of pixels of the
rising edge of the VS signal
generated by the timing generator
for field 1; if 0, VS stays LOW
BAh
VS_F1_PIX_MSB
7 to 4 VS_F1_PIX_START[11:8]
W
0h*
3 to 0 VS_F1_PIX_END[11:8]
W
0h*
vertical sync pixel end for field 1
(LSB): position in number of pixels
of the falling edge of the VS signal
generated by the timing generator
for field 1; if 0, VS stays LOW
BBh
VS_F1_PIX_E_LSB
7 to 0 VS_F1_PIX_END[7:0]
W
01h*
BCh
VS_F2_PIX_S_LSB
7 to 0 VS_F2_PIX_START[7:0]
W
01h*
vertical sync pixel start for field
2: position in number of pixels of the
rising edge of the VS signal
generated by the timing generator
for field 2
BDh
VS_F2_PIX_MSB
7 to 4 VS_F2_PIX_START[11:8]
W
0h*
3 to 0 VS_F2_PIX_END[11:8]
W
0h*
vertical sync pixel end for field 2:
position in number of pixels of the
falling edge of the VS signal
generated by the timing generator
for field 2
BEh
VS_F2_PIX_E_LSB
7 to 0 VS_F2_PIX_END[7:0]
W
01h*
Table 33.
Vertical sync registers (address B3h to BEh) bit description …continued
Legend: * = default value
Addr
Register
Bit
Symbol
Access Value
Description
Fig 5.
HREF and VREF in interlaced case
HREF
VREF
LOW during active video;
HIGH during vertical blanking period
line 1
pixel 1
HIGH during active video;
LOW during horizontal blanking period
active video
field 1
active video
field 2
blanking
period
HREF_START[11:0]
HREF_END[11:0]
VREF_F2_START[10:0]
VREF_F2_WIDTH[7:0]
VREF_F1_START[10:0]
VREF_F1_WIDTH[7:0]
VREF_F1_START[10:0]
VREF_F1_WIDTH[7:0]
VREF changes state at pixel 1(1)
(1)
001aaa291


Similar Part No. - TDA9955HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
More results

Similar Description - TDA9955HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
TDA8771A PHILIPS-TDA8771A Datasheet
116Kb / 20P
   Triple 8-bit video Digital-to-Analog Converter DAC
1996 Jan 25
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
   Triple 8-Bit Analog-to-Digital-Converter
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com