Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8933 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8933
Description  Class-D audio amplifier
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8933 Datasheet HTML 19Page - NXP Semiconductors TDA8933 Datasheet HTML 20Page - NXP Semiconductors TDA8933 Datasheet HTML 21Page - NXP Semiconductors TDA8933 Datasheet HTML 22Page - NXP Semiconductors TDA8933 Datasheet HTML 23Page - NXP Semiconductors TDA8933 Datasheet HTML 24Page - NXP Semiconductors TDA8933 Datasheet HTML 25Page - NXP Semiconductors TDA8933 Datasheet HTML 26Page - NXP Semiconductors TDA8933 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
TDA8933_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 May 2007
23 of 47
NXP Semiconductors
TDA8933
Class-D audio amplifier
[1]
Output power is measured indirectly; based on RDSon measurement.
[2]
2 layer application board (55 mm
× 45 mm), 35 µm copper, FR4 base material in free air with natural convection.
[3]
THD+N is measured in a bandwidth of 20 Hz to 20 kHz, AES17 brick wall.
[4]
B = 22 Hz to 20 kHz, AES17 brick wall.
[5]
RS is the series resistance of inductor and capacitor of low-pass LC filter in the application.
Vn(o)
noise output voltage
Rs = 0 Ω
Operating mode
[4]
-
100
150
µV
Mute mode
[4]
-
70
100
µV
VO(mute)
mute output voltage
Mute mode; Vi = 1 V (RMS) and
fi = 1 kHz
-
100
-
µV
CMRR
common mode rejection
ratio
Vi(cm) = 1 V (RMS)
-
75
-
dB
ηpo
output power efficiency
Po = 17 W; VP = 17 V; RL = 8 Ω
87
89
-
%
Po = 21 W; VP = 25 V; RL = 16 Ω
90
92
-
%
Table 13.
BTL characteristics …continued
VP = 25 V, RL = 16 Ω, fi = 1 kHz, fosc = 320 kHz, RS < 0.1 Ω [5] and Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - TDA8933

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933BTW NXP-TDA8933BTW Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
More results

Similar Description - TDA8933

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com