Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8932B Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8932B Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8932B Datasheet HTML 8Page - NXP Semiconductors TDA8932B Datasheet HTML 9Page - NXP Semiconductors TDA8932B Datasheet HTML 10Page - NXP Semiconductors TDA8932B Datasheet HTML 11Page - NXP Semiconductors TDA8932B Datasheet HTML 12Page - NXP Semiconductors TDA8932B Datasheet HTML 13Page - NXP Semiconductors TDA8932B Datasheet HTML 14Page - NXP Semiconductors TDA8932B Datasheet HTML 15Page - NXP Semiconductors TDA8932B Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
12 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
Pins HVP1 and HVP2: The time required for charging the SE capacitor depends on its
value. The half supply voltage output is disabled when the TDA8932B is used in a
symmetrical supply application.
Pin HVPREF: This output voltage reference buffer charges the capacitor on pin
HVPREF.
Pin INREF: This output voltage reference buffer charges the input reference capacitor
on pin INREF. Pin INREF applies the bias voltage for the inputs.
9.
Internal circuitry
Table 7.
Internal circuitry
Pin
Symbol
Equivalent circuit
1VSSD(HW)
16
VSSD(HW)
17
VSSD(HW)
32
VSSD(HW)
2
IN1P
3
IN1N
12
INREF
14
IN2N
15
IN2P
4
DIAG
001aad784
1, 16,
17, 32
VSSA
VDDA
001aad785
2 k
± 20 %
2 k
± 20 %
48 k
± 20 %
48 k
± 20 %
2, 15
12
3, 14
HVPREF
VDDA
VSSA
V/I
V/I
001aaf607
100 k
± 20 %
500
± 20 %
50
µA
2.5 V
4
VSSA
VDDA
CGND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn