Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8932B Datasheet(PDF) 38 Page - NXP Semiconductors

Part No. TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8932B Datasheet(HTML) 38 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
38 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
Fig 37. Typical simplified application diagram for 1
× BTL (asymmetrical supply)
U1
TDA8932B
VSSD(HW)
1
µF
Cin
Cen
470 nF
Chvp
100 nF
Cvddp
100 nF
Csn
470 pF
Csn
470 pF
Rsn
10
Rsn
10
Llc
Llc
VSSD(HW)
IN1P
Cdref
100 nF
Chvp
100 nF
Cinref
100 nF
Chvp
100 nF
1
µF
Cin
100 nF
Cosc
39 k
Rosc
MUTE
control
VPA
SLEEP
control
OSCIO
IN1N
HVP1
DIAG
VDDP1
ENGAGE
BOOT1
VP
VP
POWERUP
OUT1
CGND
VSSP1
VDDA
STAB1
VSSA
STAB2
OSCREF
VSSP2
HVPREF
OUT2
INREF
Cstab
100 nF
Clc
Clc
BOOT2
TEST
VDDP2
IN2N
HVP2
IN2P
DREF
VSSD(HW)
VSSD(HW)
001aaf602
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27
Cvddp
220
µF
(35 V)
10
Rvdda
Cvdda
100 nF
VP
VPA
VP
GND
Cvddp
100 nF
Cbo
15 nF
Cbo
15 nF
Rhvp
470
Rhvp
470


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn