Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8932B Datasheet(PDF) 37 Page - NXP Semiconductors

Part No. TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8932B Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TDA8932B Datasheet HTML 33Page - NXP Semiconductors TDA8932B Datasheet HTML 34Page - NXP Semiconductors TDA8932B Datasheet HTML 35Page - NXP Semiconductors TDA8932B Datasheet HTML 36Page - NXP Semiconductors TDA8932B Datasheet HTML 37Page - NXP Semiconductors TDA8932B Datasheet HTML 38Page - NXP Semiconductors TDA8932B Datasheet HTML 39Page - NXP Semiconductors TDA8932B Datasheet HTML 40Page - NXP Semiconductors TDA8932B Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
37 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
14.11 Typical application schematics (simplified)
Fig 36. Typical simplified application diagram for 2
× SE (asymmetrical supply)
U1
TDA8932B
VSSD(HW)
470 nF
Cin
Cen
470 nF
Chvp
100 nF
Cvddp
100 nF
Csn
470 pF
Cvddp
100 nF
Csn
470 pF
Rsn
10
Rsn
10
Llc
Llc
VSSD(HW)
IN1P
Cbo
15
nF
Cbo
15
nF
Cdref
100 nF
Chvp
100 nF
Cinref
100 nF
Chvp
100 nF
Chvpref
47
µF (25 V)
Cvddp
220
µF
(35 V)
Cse
Cse
470 nF
Cin
470 nF
Cin
470 nF
Cin
100 nF
Cosc
39 k
Rosc
10
Rvdda
MUTE control
VPA
SLEEP control
Cvdda
100 nF
VP
VPA
VP
GND
OSCIO
IN1N
HVP1
DIAG
VDDP1
ENGAGE
BOOT1
VP
VP
POWERUP
OUT1
CGND
VSSP1
VDDA
STAB1
VSSA
STAB2
OSCREF
VSSP2
HVPREF
OUT2
INREF
Cstab
100 nF
Clc
Clc
BOOT2
TEST
VDDP2
IN2N
HVP2
IN2P
DREF
VSSD(HW)
VSSD(HW)
001aaf601
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn