Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8932B Datasheet(PDF) 26 Page - NXP Semiconductors

Part No. TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8932B Datasheet(HTML) 26 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
26 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
(9)
Where:
REQ = equivalent resistance (Ω)
R3 = parallel resistor (
Ω)
Zi = internal input impedance (Ω)
Example:
Substituting R1 = R2 = 4.7 k
Ω,Z
i = 100 kΩ and R3=22kΩ in Equation 8 and Equation 9
results in a gain of Gv(tot) = 26.3 dB.
14.6 Device synchronization
If two or more TDA8932B devices are used in one application it is recommended that all
devices are synchronized running at the same switching frequency to avoid beat tones.
Synchronization can be realized by connecting all OSCIO pins together and configuring
one of the TDA8932B devices as master, while the other TDA8932B devices are
configured as slaves (see Figure 11).
A device is configured as master when connecting a resistor between pins OSCREF and
VSSD(HW) setting the carrier frequency. Pin OSCIO of the master is then configured as an
oscillator output for synchronization. The OSCREF pins of the slave devices should be
shorted to VSSD(HW) configuring pin OSCIO as an input.
14.7 Thermal behavior (printed-circuit board considerations)
The TDA8932B is available in two different thermally enhanced packages:
TDA8932BT in a SO32 (SOT287-1) package for reflow and wave solder process
TDA8932BTW in an HTSSOP32 (SOT549-1) package for reflow solder process only
The SO32 package has special thermal corner-leads, increasing the power capability
(reducing the overall Rth(j-a). To benefit from the corner leads pins VSSD(HW) (pins 1, 16, 17
and 32) should be attached to a copper plane. The SO32 package is very suitable for
applications with limited space for a thermal plane (in a single layer PCB design).
R
EQ
R3
Z
i
×
R3
Z
i
+
------------------
=
Fig 11. Master slave concept in two chip application
001aaf600
39 k
Rosc
100 nF
Cosc
IC1
TDA8932B
OSCREF VSSD(HW)
VSSD(HW)
OSCIO
IC2
TDA8932B
master
slave
OSCIO
OSCREF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn