Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8932B Datasheet(PDF) 23 Page - NXP Semiconductors

Part No. TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8932B Datasheet(HTML) 23 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
23 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
a. THD+N = 0.5 %
b. THD+N = 10 %
Fig 8.
SE output power as a function of supply voltage
VP (V)
10
40
30
20
20
10
30
40
Po
(W)
0
RL = 4 Ω
6
8
001aad768
VP (V)
10
40
30
20
20
10
30
40
Po
(W)
0
RL = 4 Ω
6
8
001aad769
a. THD+N = 0.5 %
b. THD+N = 10 %
Fig 9.
BTL output power as a function of supply voltage
VP (V)
10
40
30
20
40
20
60
80
Po
(W)
0
RL = 8 Ω
6
4
001aad770
VP (V)
10
40
30
20
40
20
60
80
Po
(W)
0
RL = 8 Ω
6
4
001aad771


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn