Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8932B Datasheet(PDF) 18 Page - NXP Semiconductors

Part No. TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8932B Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8932B Datasheet HTML 14Page - NXP Semiconductors TDA8932B Datasheet HTML 15Page - NXP Semiconductors TDA8932B Datasheet HTML 16Page - NXP Semiconductors TDA8932B Datasheet HTML 17Page - NXP Semiconductors TDA8932B Datasheet HTML 18Page - NXP Semiconductors TDA8932B Datasheet HTML 19Page - NXP Semiconductors TDA8932B Datasheet HTML 20Page - NXP Semiconductors TDA8932B Datasheet HTML 21Page - NXP Semiconductors TDA8932B Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
18 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
Diagnostic output: pin DIAG[1]
VO
output voltage
protection activated; see Table 6
-
-
0.8
V
Operating mode
2
2.5
3.3
V
Bias voltage for inputs: pin INREF
VO(bias)
bias output voltage
with respect to pin VSSA
-
2.1
-
V
Half supply voltage
Pins HVP1 and HVP2
VO
output voltage
half supply voltage to charge SE
capacitor
0.5VP
0.2
0.5VP
0.5VP +
0.2
V
IO
output current
VHVP1 = VO − 1V;
VHVP2 =VO − 1V
-50
-
mA
Pin HVPREF
VO
output voltage
half supply reference voltage in
Mute mode
0.5VP
0.2
0.5VP
0.5VP +
0.2
V
Reference voltage for internal logic: pin DREF
VO
output voltage
4.5
4.8
5.1
V
Amplifier outputs: pins OUT1 and OUT2
|VO(offset)|
output offset voltage
SE; with respect to pin HVPREF
Mute mode
-
-
15
mV
Operating mode
-
-
100
mV
BTL
Mute mode
-
-
20
mV
Operating mode
-
-
150
mV
Stabilizer output: pins STAB1 and STAB2
VO
output voltage
Mute mode and Operating mode;
with respect to pins VSSP1 and
VSSP2
10
11
12
V
Voltage protection
VP(uvp)
undervoltage protection
supply voltage
8.0
9.2
9.9
V
VP(ovp)
overvoltage protection
supply voltage
36.1
37.4
40
V
VP(th)(ubp)l
low unbalance protection
threshold supply voltage
VHVPREF = 11 V
-
-
18
V
VP(th)(ubp)h
high unbalance protection
threshold supply voltage
VHVPREF = 11 V
29
-
-
V
Current protection
IO(ocp)
overcurrent protection
output current
current limiting
4
5
-
A
Temperature protection
Tact(th_prot)
thermal protection activation
temperature
155
-
160
°C
Table 10.
Static characteristics …continued
VP = 22 V; fosc = 320 kHz; Tamb =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn