Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OGU22DM6F Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM660OGU22DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OGU22DM6F Datasheet(HTML) 3 Page - STMicroelectronics

  STM660OGU22DM6F Datasheet HTML 1Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 2Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 3Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 4Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 5Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 6Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 7Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 8Page - STMicroelectronics STM660OGU22DM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
STM6600 - STM6601
List of tables
Doc ID 15453 Rev 7
3/51
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 3.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 4.
Operating and AC measurement conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 5.
DC and AC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 6.
TDFN12 (2 x 3 mm) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Table 7.
Carrier tape dimensions for TDFN12 (2 mm x 3 mm) package . . . . . . . . . . . . . . . . . . . . . 45
Table 8.
STM6600 ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 9.
STM6601 ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Table 10.
STM6600 product selector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 11.
STM6601 product selector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 12.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50


Similar Part No. - STM660OGU22DM6F

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - STM660OGU22DM6F

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com