Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXV200-036S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LXV200-036S
Description  LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXV200-036S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LXV200-036S Datasheet HTML 1Page - List of Unclassifed Manufacturers LXV200-036S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Power Supply
Constant Voltage Power Supplies
LED POWER
next generation power
source
FEATURES
• High Efficiency 93%
• IP67 Waterproof
• Active PFC (Typical 0.97)
• OVP, SCP, OTP
• -35 to 70°C deg operation
• Universal Input 90-264VAC
• UL8750 recognised
• EN61347-1, -2-13 compliant
1
LED Power Supplies
200W
LXV200 series
North America
Excelsys Technologies
t: (972) 771 4544
519 Interstate 30, #309
f: (972) 421 1805
Rockwall, TX 75087
e: salesusa@excelsys.com
USA
Europe/Asia
Excelsys Technologies Ltd
t: +353 21 4354716
27 Eastgate Drive
f: +353 21 4354864
Eastgate Business Park
e: sales@excelsys.com
Little Island, Cork, Ireland
IRELAND
Input Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage Range
Universal Input. see Note 3
90
264/305
VAC
Input Frequency Range
47
63
Hz
Input Current
100VAC in, 200W output
2.3
A
Inrush Current
230VAC in, 25°C, Cold Start
65
A
Power Factor
220VAC, 110VAC
0.97
0.99
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Line Regulation
±1
%
Load Regulation
±2
%
Voltage Accuracy
% of Vout
±5
%
Ripple and Noise
20MHz Bandwidth. See Note 1
2.0
% pk-pk
Dynamic Response
Output Deviation R/S : 1 A /uS
5
%
Settling Time Load : 25% ~ 75% full Load
10
mS
Overshoot
10
%
Turn-on Delay
Measured at 220VAC and full load
3
s
Short Circuit Protection
Auto Recovery
Over Voltage Protection
Latching. See individual models OVP levels
OverTemperature Protection Internal Component Temperature
110
°C
General Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Isolation Voltage
Input to Output
See Note 2
3000
VAC
Input to Chassis
1500
VAC
Efficiency
See individual models
93.0
%
Safety Agency Approvals
UL8750, EN61347-1, -2-13 pending
No load Power Dissipation
Measured at 120VAC and 220VAC
2.0
W
MTBF
Telecordia SR-33, 25°C
2,000,000
Hours
Lifetime
25°C
100,000
Hours
Weight
1000
g
Operating Temperature
-35
+70
°C
Storage Temperature
-40
+85
°C
Relative Humidity
Non-condensing (operating)
10
100
%
Power Derating
At 100 VAC, derates linearly from 100% at 60°C to 80% at 70 °C
Note 1.
Output connected in parallel with 0.1uF ceramic capacitor and 10uF electrolytic capacitor.
Note 2.
Primary to Secondary Isolation test not to be carried on power supply.
Note 3.
90-305VAC input voltage range available. Add Suffix “W” to part number e.g. LXV200-012SW
The LXV200 series of constant voltage LED power supplies from
Excelsys Technologies can deliver up to 200W of output power in an
extremely compact package size.
The LXV200 series of constant voltage power supplies provides a range of
output voltage solutions for specific LED requirements. With industry leading
efficiencies, and an extensive protection feature set, the LXV200 series
provides high reliability and high performance in a compact package
The LXV200 series carries the CE mark for safety and is also RoHS
compliant. For more details contact sales@excelsys.com
Model
Number
Output
Voltage
Output
Current
Input
Voltage
OVP
Max
OCP
Hiccup
Efficiency
LXV200-012S
12V
16.67A
90-264VAC(3)
18V
120-170%
92.0%
LXV200-024S
24V
8.33A
90-264VAC(3)
36V
120-170%
92.0%
LXV200-036S
36V
5.56A
90-264VAC(3)
54V
120-170%
92.5%
LXV200-042S
42V
4.76A
90-264VAC(3)
63V
120-170%
92.5%
LXV200-048S
48V
4.17A
90-264VAC(3)
72V
120-170%
92.5%
LXV200-050S
50V
4.00A
90-264VAC(3)
75V
120-170%
92.5%
LXV200-052S
52V
3.84A
90-264VAC(3)
78V
120-170%
93.0%
LXV200-054S
54V
3.70A
90-264VAC(3)
81V
120-170%
93.0%
LXV200-081S
81V
2.47A
90-264VAC(3)
122V
120-170%
93.0%
LXV200-105S
105V
1.90A
90-264VAC(3)
158V
120-170%
93.0%


Similar Part No. - LXV200-036S

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXV0-PR00-0017 LUMILEDS-LXV0-PR00-0017 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0024 LUMILEDS-LXV0-PR00-0024 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0041 LUMILEDS-LXV0-PR00-0041 Datasheet
2Mb / 20P
   Best punch and easy integration
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXV100-012S ETC2-LXV100-012S Datasheet
421Kb / 2P
   LED Power Supply
More results

Similar Description - LXV200-036S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65FE JSMC-JCS4N65FE Datasheet
996Kb / 16P
   LED power supply
JCS4N65FEI JSMC-JCS4N65FEI Datasheet
730Kb / 11P
   LED power supply
JCS8HN60C JSMC-JCS8HN60C Datasheet
1Mb / 14P
   LED power supply
logo
Roithner LaserTechnik G...
PTDCCL-10 ROITHNER-PTDCCL-10 Datasheet
89Kb / 1P
   LED Power Supply
logo
List of Unclassifed Man...
LXV300 ETC2-LXV300 Datasheet
413Kb / 2P
   LED Power Supply
LXV75 ETC2-LXV75 Datasheet
421Kb / 2P
   LED Power Supply
logo
LinkCom Manufacturing C...
40-LSP LINKCOM-40-LSP Datasheet
450Kb / 4P
   LED Power Supply
logo
List of Unclassifed Man...
LXC50 ETC2-LXC50 Datasheet
269Kb / 2P
   LED Power Supply
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXC30 ETC2-LXC30 Datasheet
270Kb / 2P
   LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com