Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1308 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1308
Description  Class-AB stereo headphone driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1308 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1308 Datasheet HTML 1Page - NXP Semiconductors TDA1308 Datasheet HTML 2Page - NXP Semiconductors TDA1308 Datasheet HTML 3Page - NXP Semiconductors TDA1308 Datasheet HTML 4Page - NXP Semiconductors TDA1308 Datasheet HTML 5Page - NXP Semiconductors TDA1308 Datasheet HTML 6Page - NXP Semiconductors TDA1308 Datasheet HTML 7Page - NXP Semiconductors TDA1308 Datasheet HTML 8Page - NXP Semiconductors TDA1308 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
2 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
[1]
VDD =5V; VO(p-p) = 3.5 V (at 0 dB).
[2]
VDD = 2.4 V; VO(p-p) = 1.62 V (at −4.8 dBV); for TDA1308A only.
[3]
VDD = 2.4 V; VO(p-p) = 1.19 V (at −7.96 dBV); for TDA1308A only.
4.
Ordering information
Ptot
total power
dissipation
no load
-
15
25
mW
Po
maximum output
power
(THD + N)/S < 0.1 %
[1] -
4080mW
(THD + N)/S
total harmonic
distortion plus
noise-to-signal
ratio
[1] -
0.03
0.06
%
[1] -
−70
−65
dB
RL =5kΩ
[2] -
−92
−89
dB
RL =5kΩ
[3] -
−52
−40
dB
RL =5kΩ
-
−101 -
dB
S/N
signal-to-noise
ratio
100
110
-
dB
αcs
channel
separation
-70
-
dB
RL =5kΩ
[1] -
105
-
dB
PSRR
power supply
ripple rejection
fi = 100 Hz;
Vripple(p-p) = 100 mV
-90
-
dB
Tamb
ambient
temperature
−40
-
+85
°C
Table 1.
Quick reference data …continued
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA1308
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TDA1308T
SO8
plastic small outline package; 8 leads; body width
3.9 mm
SOT96-1
TDA1308AT
SO8
plastic small outline package; 8 leads; body width
3.9 mm
SOT96-1
TDA1308AUK
WLCSP8
wafer level chip-size package; 8 bumps;
0.61
× 0.84 × 0.38 mm
TDA1308AUK
TDA1308TT
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1


Similar Part No. - TDA1308

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
TDA1308 PHILIPS-TDA1308 Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
TDA1308 SILAN-TDA1308 Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308AT PHILIPS-TDA1308AT Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
More results

Similar Description - TDA1308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com