Electronic Components Datasheet Search |
|
STM660OHS22DM6F Datasheet(PDF) 10 Page - STMicroelectronics |
|
STM660OHS22DM6F Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 51 page Pin descriptions STM6600 - STM6601 10/51 Doc ID 15453 Rev 7 PB - power ON switch This input is equipped with a voltage detector with a factory-trimmed threshold and has ± 8 kV HBM ESD protection. When the PB button is pressed and held, the battery voltage is detected and EN (or EN) is asserted if the battery voltage is above the threshold VTH+ during the whole tDEBOUNCE period (see Figure 13). A short push of the push-button during normal operation can initiate an interrupt through debounced INT output (see Figure 14) and a long push of PB and SR simultaneously can either assert reset output RST (see Figure 18) or deassert the EN or EN output (see Figure 19) based on the option used. Note: A switch to GND must be connected to this input (e.g. mechanical push-button, open drain output of external circuitry, etc.), see Figure 1. This ensures a proper startup signal on PB (i.e. a transition from full VCC below specified VIL). PB input has an internal 100 kΩ pull-up resistor connected. VCCLO - high threshold detection output During power-up, VCCLO is low when VCC supply voltage is below the VTH+ threshold. After successful power-up (i.e. during normal operation) VCCLO is low anytime undervoltage is detected (see Figure 13). Output type is active low and open drain by default. Open drain output type requires a pull- up resistor. A 10 k Ω is sufficient in most applications. VCCLO is floating when STM660x is in standby mode. PBOUT - PB input state If the push-button PB is pressed, the pin stays low during the tDEBOUNCE time period. If PB is asserted for the entire tDEBOUNCE period, PBOUT will then stay low for at least tINT_Min. If PB is asserted after tINT_Min expires, PBOUT will return high as soon as PB is deasserted (see Figure 22). PBOUT ignores PB assertion during an undervoltage condition. At startup on the STM6601 PBOUT will respond only to the first PB assertion and any other assertion will be ignored until tON_BLANK expires. This output is active low and open drain by default. Open drain output type requires a pull-up resistor. A 10 k Ω is sufficient in most applications. |
Similar Part No. - STM660OHS22DM6F |
|
Similar Description - STM660OHS22DM6F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |