Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L92A1A Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC28L92A1A
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92A1A Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC28L92A1A Datasheet HTML 26Page - NXP Semiconductors SC28L92A1A Datasheet HTML 27Page - NXP Semiconductors SC28L92A1A Datasheet HTML 28Page - NXP Semiconductors SC28L92A1A Datasheet HTML 29Page - NXP Semiconductors SC28L92A1A Datasheet HTML 30Page - NXP Semiconductors SC28L92A1A Datasheet HTML 31Page - NXP Semiconductors SC28L92A1A Datasheet HTML 32Page - NXP Semiconductors SC28L92A1A Datasheet HTML 33Page - NXP Semiconductors SC28L92A1A Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
30 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
5
-
Channel A transmitter Request To Send (RTS) control.
0 = No RTS control
1 = RTS control
This bit controls the deactivation of the RTSAN output (OP0) by the
transmitter. This output is normally asserted by setting OPR[0] and
negated by resetting OPR[0]. MR2A[5] = 1 caused OPR[0] to be reset
automatically one bit time after the characters in the channel A transmit
shift register and in the Tx FIFO, if any, are completely transmitted
including the programmed number of stop bits, if the transmitter is not
enabled
This feature can be used to automatically terminate the transmission of a
message as follows (line turnaround):
1. Program auto-reset mode: MR2A[5] = 1
2. Enable transmitter
3. Assert RTSAN: OPR[0] = 1
4. Send message
5. Disable transmitter after the last character is loaded into the channel A
Tx FIFO
6. The last character will be transmitted and OPR[0] will be reset one bit
time after the last stop bit, causing RTSAN to be negated
4
-
Channel A transmitter Clear To Send (CTS) control.
0 = Input CTSAN(IP0) has no effect on the transmitter
1 = CTS control enabled
If this bit is a 1, the transmitter checks the state of CTSAN (IP0) each time
it is ready to send a character. If IP0 is asserted (LOW), the character is
transmitted. If it is negated (HIGH), the TxDA output remains in the
marking state and the transmission is delayed until CTSAN goes LOW.
Changes in CTSAN while a character is being transmitted do not affect the
transmission of that character.
3 to 0
-
Stop bit length select. This field programs the length of the stop bit
appended to the transmitted character. Stop bit lengths of 9
16 to 1 and
1
9
16 to 2 bits, in increments of
1
16 bit, can be programmed for character
lengths of 6, 7, and 8 bits. For a character lengths of 5 bits, 1
1
16 to 2
stop bits can be programmed in increments of 1
16 bit. In all cases, the
receiver only checks for a mark condition at the center of the stop bit
position (one half-bit time after the last data bit, or after the parity bit if
enabled is sampled). Refer to Table 32 for the values.
If an external 1
× clock is used for the transmitter:
MR2A[3] = 0 selects one stop bit
MR2A[3] = 1 selects two stop bits
Table 30.
MR2A - Mode Register 2 channel A (address 0x0) bit description …continued
Bit
Symbol
Description


Similar Part No. - SC28L92A1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92A1A PHILIPS-SC28L92A1A Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
More results

Similar Description - SC28L92A1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Texas Instruments
TL28L92 TI-TL28L92 Datasheet
717Kb / 61P
[Old version datasheet]   3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com