Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IS603 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC18IS603
Description  I2C-bus to SPI bridge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS603 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC18IS603 Datasheet HTML 1Page - NXP Semiconductors SC18IS603 Datasheet HTML 2Page - NXP Semiconductors SC18IS603 Datasheet HTML 3Page - NXP Semiconductors SC18IS603 Datasheet HTML 4Page - NXP Semiconductors SC18IS603 Datasheet HTML 5Page - NXP Semiconductors SC18IS603 Datasheet HTML 6Page - NXP Semiconductors SC18IS603 Datasheet HTML 7Page - NXP Semiconductors SC18IS603 Datasheet HTML 8Page - NXP Semiconductors SC18IS603 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SC18IS602_602B_603_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 March 2008
3 of 25
NXP Semiconductors
SC18IS602/602B/603
I2C-bus to SPI bridge
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
SC18IS602IPW and SC18IS603IPW do not support SS2. This pin should be used as GPIO2 only.
[2]
SC18IS602BIPW does support SS2/GPIO2 function. This pin can be used as SS2 or GPIO2.
a. SC18IS602/602B
b. SC18IS603
Fig 3.
Pin configuration for TSSOP16
SC18IS602IPW
SC18IS602BIPW
SS0/GPIO0
A2
SS1/GPIO1
A1
RESET
A0
VSS
SS3/GPIO3
MISO
VDD
MOSI
SPICLK
SDA
SS2/GPIO2
SCL
INT
002aac441
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
SC18IS603IPW
SS0/GPIO0
A2
SS1/GPIO1
A1
RESET
A0
VSS
CLKIN
MISO
VDD
MOSI
SPICLK
SDA
SS2/GPIO2
SCL
INT
002aac442
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Type
Description
SC18IS602,
SC18IS602B
SC18IS603
SS0/GPIO0
1
1
I/O
SPI slave select output 0 (active LOW) or GPIO 0
SS1/GPIO1
2
2
I/O
SPI slave select output 1 (active LOW) or GPIO 1
RESET
3
3
I
reset input (active LOW)
VSS
4
4
-
ground supply
MISO
5
5
I
Master In, Slave Out
MOSI
6
6
O
Master Out, Slave In
SDA
7
7
I/O
I2C-bus data
SCL
8
8
I
I2C-bus clock
INT
9
9
O
interrupt output (active LOW)
SS2/GPIO2
10[1][2]
10[1]
I/O
SPI slave select output 2 (active LOW) or GPIO 2
SPICLK
11
11
O
SPI clock
VDD
12
12
-
supply voltage
SS3/GPIO3
13
-
I/O
SPI slave select output 3 (active LOW) or GPIO 3
CLKIN
-
13
I
external clock input
A0
14
14
I
address input 0
A1
15
15
I
address input 1
A2
16
16
I
address input 2


Similar Part No. - SC18IS603

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 PHILIPS-SC18IS600 Datasheet
153Kb / 28P
   SPI to IC-bus interface
Rev. 03-13 December 2006
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600 NXP-SC18IS600 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IS600IBS NXP-SC18IS600IBS Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600IPW PHILIPS-SC18IS600IPW Datasheet
153Kb / 28P
   SPI to IC-bus interface
Rev. 03-13 December 2006
More results

Similar Description - SC18IS603

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
   SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Maxim Integrated Produc...
DS28E18 MAXIM-DS28E18 Datasheet
1Mb / 70P
   1-Wire짰 to I2C/SPI Bridge with Command Sequencer
2020
logo
Epson Company
RX6110SA EPSON-RX6110SA Datasheet
302Kb / 2P
   REAL TIME CLOCK MODULE (SPI & I2C-Bus)
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com