Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L92 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SC28L92
Description  3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L92 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 41Page - NXP Semiconductors SC28L92 Datasheet HTML 42Page - NXP Semiconductors SC28L92 Datasheet HTML 43Page - NXP Semiconductors SC28L92 Datasheet HTML 44Page - NXP Semiconductors SC28L92 Datasheet HTML 45Page - NXP Semiconductors SC28L92 Datasheet HTML 46Page - NXP Semiconductors SC28L92 Datasheet HTML 47Page - NXP Semiconductors SC28L92 Datasheet HTML 48Page - NXP Semiconductors SC28L92 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
SC28L92_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 19 December 2007
45 of 73
NXP Semiconductors
SC28L92
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter
7.3.10 Input Port Change Register (IPCR)
7.3.11 Interrupt Status Register (ISR)
This register provides the status of all potential interrupt sources. The contents of this
register are masked by the Interrupt Mask Register (IMR). If a bit in the ISR is a logic 1
and the corresponding bit in the IMR is also a logic 1, the INTRN output will be asserted
(LOW). If the corresponding bit in the IMR is a zero, the state of the bit in the ISR has no
effect on the INTRN output. Note that the IMR does not mask the reading of the ISR. The
true status will be provided regardless of the contents of the IMR. The contents of this
register are initialized to 0x0 when the DUART is reset.
Table 55.
IPCR - Input port change register (address 0x4) bit allocation
7
6
5
4
3
2
1
0
delta IP3
delta IP2
delta IP1
delta IP0
state of
IP3
state of
IP2
state of
IP1
state of
IP0
Table 56.
IPCR - Input port change register (address 0x4) bit description
Bit
Symbol
Description
7 to 4
-
IP3, IP2, IP1 and IP0 change of state.
0 = no change
1 = change
These bits are set when a change of state, as defined in Section 6.2.9 “Input
port”, occurs at the respective input pins. They are cleared when the IPCR is
read by the CPU. A read of the IPCR also clears ISR[7], the input change bit in
the interrupt status register. The setting of these bits can be programmed to
generate an interrupt to the CPU.
3 to 0
-
IP3, IP2, IP1 and IP0 state.
0 = LOW
1 = HIGH
These bits provide the current state of the respective inputs. The information is
unlatched and reflects the state of the input pins at the time the IPCR is read.
Table 57.
ISR - Interrupt status register (address 0x5) bit allocation
7
6
5
4
3
2
1
0
change
input port
change
break B
RxRDYB
TxRDYB
counter
ready
change
break A
RxRDYA
TxRDYA
Table 58.
ISR - Interrupt status register (address 0x5) bit description
Bit
Symbol
Description
7
-
Input port change status.
0 = not active
1 = active
This bit is a logic 1 when a change of state has occurred at the IP0, IP1, IP2, or
IP3 inputs and that event has been selected to cause an interrupt by the
programming of ACR[3:0]. The bit is cleared when the CPU reads the IPCR.


Similar Part No. - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92A1A PHILIPS-SC28L92A1A Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92A1B PHILIPS-SC28L92A1B Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
More results

Similar Description - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
logo
Texas Instruments
TL28L92 TI-TL28L92 Datasheet
717Kb / 61P
[Old version datasheet]   3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com