Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IS600IPW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC18IS600IPW
Description  SPI to I2C-bus interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS600IPW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC18IS600IPW Datasheet HTML 5Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 6Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 7Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 8Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 9Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 10Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 11Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 12Page - NXP Semiconductors SC18IS600IPW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SC18IS600_601_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 28 July 2008
9 of 30
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
6.2.2 I/O pins state register (IOState)
When read, this register returns the actual state of all programmable and
quasi-bidirectional I/O pins. When written, each register bit will be transferred to the
corresponding I/O pin programmed as output.
6.2.3 I2C-bus address register (I2CAdr)
The contents of the register represents the device’s own I2C-bus address. The most
significant bit corresponds to the first bit received from the I2C-bus after a START
condition. The least significant bit is not used, but should be programmed with a ‘0’.
I2CAdr is not needed for device operation, but should be configured so that its address
does not conflict with an I2C-bus device address used by the bus master.
6.2.4 I2C-bus clock rates register (I2CClk)
This register determines the I2C-bus clock frequency. Various clock rates are shown in
Table 6 for the SC18IS600. The frequency can be determined using Equation 1:
(1)
Fig 9.
Push-pull output configuration
002aab885
strong
VDD
P
VSS
pin latch data
GPIO pin
glitch rejection
input data
N
Table 5.
IOState - I/O pins state register (address 0x01) bit description
Bit
Symbol
Description
7:6
-
reserved
5
IO5
Set the logic level on the output pins.
Write to this register:
logic 0 = set output pin to zero
logic 1 = set output pin to one
A read from this register returns states of all pins.
4
IO4
3
GPIO3 (SC18IS600 only)
2
GPIO2
1
GPIO1
0
GPIO0
I
2
C-bus clock frequency
7.3728
10
6
×
4
I 2CClk
×
------------------------------- Hz
()
=


Similar Part No. - SC18IS600IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600IPW PHILIPS-SC18IS600IPW Datasheet
153Kb / 28P
   SPI to IC-bus interface
Rev. 03-13 December 2006
More results

Similar Description - SC18IS600IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
   SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS602 NXP-SC18IS602 Datasheet
140Kb / 25P
   I2C-bus to SPI bridge
Rev. 04-11 March 2008
SC18IS600 PHILIPS-SC18IS600 Datasheet
153Kb / 28P
   SPI to IC-bus interface
Rev. 03-13 December 2006
PCA9502 PHILIPS-PCA9502 Datasheet
139Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
   8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
   I2C Bus Interface - Master
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com