Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IM700 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC18IM700
Description  Master I2C-bus controller with UART interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM700 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC18IM700 Datasheet HTML 7Page - NXP Semiconductors SC18IM700 Datasheet HTML 8Page - NXP Semiconductors SC18IM700 Datasheet HTML 9Page - NXP Semiconductors SC18IM700 Datasheet HTML 10Page - NXP Semiconductors SC18IM700 Datasheet HTML 11Page - NXP Semiconductors SC18IM700 Datasheet HTML 12Page - NXP Semiconductors SC18IM700 Datasheet HTML 13Page - NXP Semiconductors SC18IM700 Datasheet HTML 14Page - NXP Semiconductors SC18IM700 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SC18IM700_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 August 2007
11 of 22
NXP Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
9.2.2.2
Input-only configuration
The input-only port configuration has no output drivers. It is a Schmitt triggered input that
also has a glitch suppression circuit.
9.2.2.3
Push-pull output configuration
The push-pull output configuration has the same pull-down structure as both the
open-drain and the quasi-bidirectional output modes, but provides a continuous strong
pull-up when the port latch contains a logic 1. The push-pull mode may be used when
more source current is needed from a port output. A push-pull port pin has a Schmitt
triggered input that also has a glitch suppression circuit.
Fig 13. Quasi-bidirectional output configuration
002aac076
2 SYSTEM
CLOCK
CYCLES
weak
strong
very
weak
VDD
PP
P
VSS
pin latch data
GPIOn
glitch rejection
input data
Fig 14. Input-only configuration
002aab884
GPIO pin
glitch rejection
input data
Fig 15. Push-pull output configuration
002aab885
strong
VDD
P
VSS
pin latch data
GPIO pin
glitch rejection
input data
N


Similar Part No. - SC18IM700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
   Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
SC18IM700 NXP-SC18IM700 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IM700IPW PHILIPS-SC18IM700IPW Datasheet
108Kb / 21P
   Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
More results

Similar Description - SC18IM700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
   Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
   I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
   Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com