Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56004EDP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA56004EDP
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004EDP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA56004EDP Datasheet HTML 7Page - NXP Semiconductors SA56004EDP Datasheet HTML 8Page - NXP Semiconductors SA56004EDP Datasheet HTML 9Page - NXP Semiconductors SA56004EDP Datasheet HTML 10Page - NXP Semiconductors SA56004EDP Datasheet HTML 11Page - NXP Semiconductors SA56004EDP Datasheet HTML 12Page - NXP Semiconductors SA56004EDP Datasheet HTML 13Page - NXP Semiconductors SA56004EDP Datasheet HTML 14Page - NXP Semiconductors SA56004EDP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
11 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
[1]
POR default TH = 0Ah (10
°C).
7.8.7 Programmable offset register (remote only)
[1]
POR default RTOHB = RTOLB = 00h.
[2]
POR default RTOLB = 00h.
7.8.8 ALERT mode register (AM)
D[7:1] is not defined and defaults to logic 0.
D0: The ALERT output is in interrupt mode when this bit is LOW. The ALERT output is in
comparator mode when this bit is HIGH.
7.8.9 Other registers
The Manufacturers ID register has a default value A1h (1010 0001) and a read address
FEh.
The Die Revision Code register has a default value 00h (0000 0000) and read address
FFh. This register will increment by 1 every time there is a revision to the die.
7.8.10 One-shot register
The one-shot register is used to initiate a single conversion and comparison cycle when
the device is in the standby mode; upon completion of the single conversion cycle, the
device returns to the standby mode. It is not a data register; it is the write operation that
causes the one-shot conversion. The data written to this register is not stored; an FFh
value will always be read from this register. To initiate a one-shot operation, send a
standard write command with the command byte of 0Fh (One-Shot Write Address).
Table 13.
TH - T_CRIT hysteresis register
Byte
Single high byte (read/write address 21h)[1]
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
-
-
-
16
8
4
2
1
Table 14.
RTOHB, RTOLB - Remote temperature offset registers
Byte
High byte (read/write address 11h)[1]
Low byte (read/write address 12h)[2]
Bit
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Value
sign
64
32
16
8421
0.5
0.25
0.125
00000
Table 15.
AM - ALERT mode register
Read and write address BFh.
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
0
0
0
0
0
0
0
ALERT mode


Similar Part No. - SA56004EDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004EDP PHILIPS-SA56004EDP Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
More results

Similar Description - SA56004EDP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
logo
NXP Semiconductors
SA56004X PHILIPS-SA56004X Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com