Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17H533D Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # DS17H533D
Description  3-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DS17H533D Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button DS17H533D Datasheet HTML 2Page - Sanyo Semicon Device DS17H533D Datasheet HTML 3Page - Sanyo Semicon Device DS17H533D Datasheet HTML 4Page - Sanyo Semicon Device DS17H533D Datasheet HTML 5Page - Sanyo Semicon Device DS17H533D Datasheet HTML 6Page - Sanyo Semicon Device DS17H533D Datasheet HTML 7Page - Sanyo Semicon Device DS17H533D Datasheet HTML 8Page - Sanyo Semicon Device DS17H533D Datasheet HTML 9Page - Sanyo Semicon Device DS17H533D Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
10
Constant current circuit
Source voltage:DC24Voperating current:3A/phase,
2-phase energizationfull step
JL1=[0.94x10-4kgm25.14ozin2use the rubber coupling.]
JL2=[0.8x10-4kgm24.37ozin2use the direct coupling.]
Constant current circuit
Source voltage : DC24 Voperating current : 3 A/phase,
2-phase energizationfull step
JL1=[0.94x10-4kgm25.14ozin2use the rubber coupling.]
JL2=[0.8x10-4kgm24.37ozin2use the direct coupling.]
3-phase stepping motor
50 mm sq.1.97 inch sq.
103H633
1.2°
/step HB type
103H6332-0340
Pulse rate(kpulse/s)
Number of rotations(min-1)
0.1
1
10
100
2000 3000 5000
100
1000
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
0
Starting torque at JL2
Pull-out torque at JL1
60
50
40
30
20
10
70
0
103H6333-0340
Pulse rate(kpulse/s)
Number of rotations(min-1)
0.1
1
10
100
2000 3000 5000
100
1000
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
0
Pull-out torque at JL1
Starting torque
at JL2
120
100
80
60
40
20
140
0
Model
Holding torque at 2-phase
energization
Rated current
Wiring resistance
Winding inductance
Rotor inertia
Mass
Weight
Single shaft
Double shafts
[N
mozinMIN.]
A/phase
 Ω /phase
mH/phase
[
×10-4kgm2ozin2 ][kgIbs]
103H6332-0340 -0310
0.4462.31
31.3
1.6
0.120.66
0.51.10
103H6333-0340 -0310
0.5882.13
31.6
1.6
0.170.93
0.651.43
Dimensions [unit: mminch]
Pulse rate-torque characteristics
Set part number
Motor model number
Motor lengthL
DS17H632
103H6332-03051.3 mm2.02 inch
DS17H633
103H6333-03064.8 mm2.55 inch
indicates motor shaft specification
△:Motor shaft spec
Motor shaft spec
Set part number
Motor model number
Single shaft
S
4
Double shafts
D
1
+0.5
4–ø4.5 0.0
Pin number
c50±0.5
(c1.97
±.02)
4–41
±0.13
(4-1.61
±.01)
23(.91) MAX.
123
L
±0.8
(2.02
±.03)
15.5
±1
(.61
±.04)
20.6
±0.5
(.81
±.02)
5
(.20)
1.5
(.06)
(4–ø.18 .00 )0
+.02
Thedateare measured underthe drivecondition of ourcompany.The drivetorquemay very dependingonthe accuracy of customer-sideequipment.


Similar Part No. - DS17H533D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DS17 NJSEMI-DS17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DS17-08A IXYS-DS17-08A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
Naina Semiconductor ltd...
DS17-08A NAINA-DS17-08A Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
More results

Similar Description - DS17H533D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com