Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C750B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C750B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C750B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C750B Datasheet HTML 5Page - NXP Semiconductors SC16C750B Datasheet HTML 6Page - NXP Semiconductors SC16C750B Datasheet HTML 7Page - NXP Semiconductors SC16C750B Datasheet HTML 8Page - NXP Semiconductors SC16C750B Datasheet HTML 9Page - NXP Semiconductors SC16C750B Datasheet HTML 10Page - NXP Semiconductors SC16C750B Datasheet HTML 11Page - NXP Semiconductors SC16C750B Datasheet HTML 12Page - NXP Semiconductors SC16C750B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
SC16C750B_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 17 October 2008
9 of 44
NXP Semiconductors
SC16C750B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
The rich feature set of the SC16C750B is available through internal registers. Automatic
hardware flow control, selectable transmit and receive FIFO trigger level, selectable TX
and RX baud rates, modem interface controls, and a sleep mode are some of these
features.
6.1 Internal registers
The SC16C750B provides 12 internal registers for monitoring and control. These registers
are shown in Table 3. These twelve registers are similar to those already available in the
standard 16C550. These registers function as data holding registers (THR/RHR), interrupt
status and control registers (IER/ISR), a FIFO Control Register (FCR), line status and
control registers (LCR/LSR), modem status and control registers (MCR/MSR),
programmable data rate (clock) control registers (DLL/DLM), and a user accessible
Scratchpad Register (SPR). Register functions are more fully described in the following
paragraphs.
[1]
These registers are accessible only when LCR[7] is a logic 0.
[2]
These registers are accessible only when LCR[7] is a logic 1.
Table 3.
Internal registers decoding
A2
A1
A0
READ mode
WRITE mode
General register set (THR/RHR, IER/ISR, MCR/MSR, FCR, LSR, SPR)[1]
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
Interrupt Enable Register
0
1
0
Interrupt Status Register
FIFO Control Register
0
1
1
Line Control Register
Line Control Register
1
0
0
Modem Control Register
Modem Control Register
1
0
1
Line Status Register
n/a
1
1
0
Modem Status Register
n/a
1
1
1
Scratchpad Register
Scratchpad Register
Baud rate register set (DLL/DLM)[2]
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch


Similar Part No. - SC16C750B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C750BIA44 PHILIPS-SC16C750BIA44 Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C750BIB64 PHILIPS-SC16C750BIB64 Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C750BIBS PHILIPS-SC16C750BIBS Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
More results

Similar Description - SC16C750B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com