Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB520S30 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # RB520S30
Description  200 mA low VF MEGA Schottky barrier rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RB520S30 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button RB520S30 Datasheet HTML 2Page - NXP Semiconductors RB520S30 Datasheet HTML 3Page - NXP Semiconductors RB520S30 Datasheet HTML 4Page - NXP Semiconductors RB520S30 Datasheet HTML 5Page - NXP Semiconductors RB520S30 Datasheet HTML 6Page - NXP Semiconductors RB520S30 Datasheet HTML 7Page - NXP Semiconductors RB520S30 Datasheet HTML 8Page - NXP Semiconductors RB520S30 Datasheet HTML 9Page - NXP Semiconductors RB520S30 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RB520S30_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2009
6 of 12
NXP Semiconductors
RB520S30
200 mA low VF MEGA Schottky barrier rectifier
f = 1 MHz; Tamb =25 °CTj = 150 °C
(1)
δ = 0.1
(2)
δ = 0.2
(3)
δ = 0.5
(4)
δ =1
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Average forward power dissipation as a
function of average forward current; typical
values
Tj = 125 °C
(1)
δ =1
(2)
δ = 0.9
(3)
δ = 0.8
(4)
δ = 0.5
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 7.
Average reverse power dissipation as a
function of reverse voltage; typical values
Fig 8.
Average forward current as a function of
ambient temperature; typical values
VR (V)
030
20
10
006aab704
35
Cd
(pF)
0
5
10
15
20
25
30
006aab705
IF(AV) (A)
0.0
0.3
0.2
0.1
0.08
0.12
0.04
0.16
0.20
PF(AV)
(W)
0.0
(1)
(2)
(3)
(4)
006aab706
VR (V)
030
20
10
0.004
0.006
0.002
0.008
0.01
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab707
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)


Similar Part No. - RB520S30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
   SCHOTTKY BARRIER DIODE
logo
Fairchild Semiconductor
RB520S30 FAIRCHILD-RB520S30 Datasheet
158Kb / 5P
   Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB520S30 LUGUANG-RB520S30 Datasheet
216Kb / 3P
   Schottky Barrier Diodes
logo
SHENZHEN SLS TECHNOLOGY...
RB520S30 SHENZHENSLS-RB520S30 Datasheet
337Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - RB520S30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
logo
Nexperia B.V. All right...
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
   200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
PMEG3002EJ NXP-PMEG3002EJ Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
logo
NXP Semiconductors
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
logo
Nexperia B.V. All right...
RB520CS3002L NEXPERIA-RB520CS3002L Datasheet
689Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG6002EJ NXP-PMEG6002EJ Datasheet
104Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG4002EJ NXP-PMEG4002EJ Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com