Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17H633S Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # DS17H633S
Description  3-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DS17H633S Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button DS17H633S Datasheet HTML 2Page - Sanyo Semicon Device DS17H633S Datasheet HTML 3Page - Sanyo Semicon Device DS17H633S Datasheet HTML 4Page - Sanyo Semicon Device DS17H633S Datasheet HTML 5Page - Sanyo Semicon Device DS17H633S Datasheet HTML 6Page - Sanyo Semicon Device DS17H633S Datasheet HTML 7Page - Sanyo Semicon Device DS17H633S Datasheet HTML 8Page - Sanyo Semicon Device DS17H633S Datasheet HTML 9Page - Sanyo Semicon Device DS17H633S Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8
1
2
3
1
2
3
1
2
2
1
3
CN3
CN1A
CN2
NC
4
5
6
7
8
9
10
11
Rotation monitor output
Power down input
Note 2) CCW pulse input
Note 2) CW pulse input
DC24 G
DC24 V
M
Note 1)
Note 3)
External wiring diagram
Rotational operation
10%
50%
90%
4.0~5.5V
0~0.5V
10 s MIN.
1 s MAX.
1 s MAX.
Input signal specifications
Timing of the command pulse
•The internal photo coupler turns ON withinthe
and, when the DIP switch C = OFF ,the internal
circuitstepping motoroperates at the rising edge
of ON of the photo coupler.
•When applying thepulse to CW,turnOFF theCCW
side internal photo coupler.
•When applying thepulse to CCW, turn OFFthe CW
side internal photo coupler.
• When the DIP switch C = ON ,the internal circuit
stepping motoroperates at the rising edge and
falling edge of ON of the photo coupler.
Input circuitconfigurationCW and CCW Pulse input
• Pulse duty : 50 % MAX.
• When the crest value of the input signal is5V,the external limitresistance R must
be 0 Ω .Whenthe crestvalue of the input signal exceeds5V,use theexternallimit
resistance R to limitthe input current to approximately 15 mA.
330
PM driver
photo coupler
Approx. 15 mA
+5V
Input signal
R
5
6
Input circuitconfiguration
power down input
• When the crest value of the input signal is5V,
theexternallimitresistance R must be 0 Ω .
When thecrest valueofthe input signal exceeds
5V,use theexternallimitresistance R to limit
the input current to approximately 15 mA.
Output circuitconfiguration
rotation moni for output
MAX. 5 mA
MAX. 30 V
PM driver
photo coupler
Output signal
7
8
• Rotation monitor signal output signal
Contact type : Open collector output by photo coupler
Contact capacity:DC30V,5 mA MAX.
Dimensions [Unit: mminch]
PMDSA1S3P01photo coupler input method
Note 1Use twisted pairshielded cables.
Note 2Switching between the 2-input modeCW and CCW
input methodand the Pulse and direction mode
CK, U/Disanoptional function. For more
information, contact us.
Note 3Pay particular attention to the CN2 pinassignment.


Similar Part No. - DS17H633S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DS17 NJSEMI-DS17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DS17-08A IXYS-DS17-08A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
Naina Semiconductor ltd...
DS17-08A NAINA-DS17-08A Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
More results

Similar Description - DS17H633S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com