Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5325 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si5325
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5325 Datasheet(HTML) 1 Page - Silicon Laboratories

  Si5325 Datasheet HTML 1Page - Silicon Laboratories Si5325 Datasheet HTML 2Page - Silicon Laboratories Si5325 Datasheet HTML 3Page - Silicon Laboratories Si5325 Datasheet HTML 4Page - Silicon Laboratories Si5325 Datasheet HTML 5Page - Silicon Laboratories Si5325 Datasheet HTML 6Page - Silicon Laboratories Si5325 Datasheet HTML 7Page - Silicon Laboratories Si5325 Datasheet HTML 8Page - Silicon Laboratories Si5325 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Preliminary Rev. 0.15 4/10
Copyright © 2010 by Silicon Laboratories
Si5317
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si5317
P IN-C ONTROLLED 1–710 M H Z J ITTER C LEANING C LOCK
Features
Applications
Description
The Si5317 is a flexible 1:1 jitter cleaning clock for high-performance applications
that require jitter attenuation without clock multiplication. The Si5317 accepts a
single clock input ranging from 1 to 710 MHz and generates two low jitter clock
outputs at the same frequency. The clock frequency range and loop bandwidth are
selectable from a simple look-up table. The Si5317 is based on Silicon
Laboratories' 3rd-generation DSPLL® technology, which provides jitter attenuation
on any frequency in a highly integrated PLL solution that eliminates the need for
external VCXO and loop filter components. The DSPLL loop bandwidth is user
selectable, providing jitter performance optimization at the application level.
Functional Block Diagram
Provides jitter attenuation on any
frequency
One clock input / two clock outputs
Input/output frequency range:
1–710 MHz
Ultra low jitter: 300 fs
(12 kHz–20 MHz) typical
Simple pin control interface
Selectable loop bandwidth for jitter
attenuation: 60 Hz–8.4 kHz
Selectable output clock signal
format: LVPECL, LVDS, CML or
CMOS
Single supply: 1.8, 2.5, or 3.3 V
VCO freeze during LOS/LOL
Loss of lock and loss of signal alarms
On-chip voltage regulator with high
PSRR
Small size: 6 x 6 mm, 36-QFN
Wide temperature range: –40 to
+85 ºC
Data converter clocking
Wireless infrastructure
Networking, SONET/SDH
Switches and routers
Medical instrumentation
Test and measurement
DSPLL
®
Clock In
Clock Out1
Signal Format [1:0]
Status/Control
Loss of Lock
Loss of Signal
Bandwidth Select [1:0]
XTAL/Clock Rate [1:0]
Frequency Table
High
PSRR
Regulator
Frequency Select [3:0]
Clock Out2
XTAL/Clock
Phase Skew INC/DEC
VDD (1.8, 2.5, 3.3 V)
GND
Ordering Information:
See page 43.
Pin Assignments
1
2
3
29
30
31
32
33
34
35
36
20
21
22
23
24
25
26
27
10 11 12 13 14 15 16 17
4
5
6
7
8
FRQTBL
NC
RST
NC
LOS
GND
VDD
XA
NC
BWSEL0
BWSEL1
FRQSEL1
FRQSEL2
FRQSEL3
GND
Pad
FRQSEL0
DEC
9
18
19
28
XB
INC
P RELIMINARY D ATA S HEET


Similar Part No. - Si5325

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5325/26-EVB SILABS-Si5325/26-EVB Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5325/26-EVB SKYWORKS-SI5325/26-EVB Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - Si5325

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com