Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5324 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si5324
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5324 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si5324 Datasheet HTML 3Page - Silicon Laboratories Si5324 Datasheet HTML 4Page - Silicon Laboratories Si5324 Datasheet HTML 5Page - Silicon Laboratories Si5324 Datasheet HTML 6Page - Silicon Laboratories Si5324 Datasheet HTML 7Page - Silicon Laboratories Si5324 Datasheet HTML 8Page - Silicon Laboratories Si5324 Datasheet HTML 9Page - Silicon Laboratories Si5324 Datasheet HTML 10Page - Silicon Laboratories Si5324 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Si5317
Preliminary Rev. 0.15
7
Weak Internal Input
Pull-down Resistor
RPDN
—75
k
3-Level Input Pins
Input Voltage Low
VILL
——
0.15 x VDD
V
Input Voltage Mid
VIMM
0.45 x VDD
0.55 x VDD
V
Input Voltage High
VIHH
0.85 x VDD
——
V
Input Low Current
IILL
2
–20
µA
Input Mid Current
IIMM
2
–2
2
µA
Input High Current
IIHH
2
——
20
µA
LVCMOS Output Pins
Output Voltage Low
VOL
IO =2mA
VDD =1.62V
——
0.4
V
IO =2mA
VDD =2.97V
——
0.4
V
Output Voltage High
VOH
IO =–2mA
VDD =1.62V
VDD –0.4
V
IO =–2mA
VDD =2.97V
VDD –0.4
V
Single-Ended Reference Clock Input Pin XA (XB with cap to gnd)
Input Resistance
XARIN
XTAL/RefCLK
RATE[1:0] = LM, ML, MH, or
HM
8.5
10
11.5
k
Input Voltage Level Limits
XAVIN
0—
1.2
V
Input Voltage Swing
XAVPP
0.5
1.2
VPP
Differential Reference Clock Input Pins (XA/XB)
Input Resistance
XA/XBRIN
XTAL/RefCLK
RATE[1:0] = LM, ML, MH, or
HM
8.5
10
11.5
k
Differential Input Voltage
Level Limits
XA/XBVIN
0—
1.2
V
Input Voltage Swing
XAVPP/XBVPP
0.5
1.2
VPP, each
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Notes:
1. LVPECL outputs require VDD > 2.25 V.
2. This is the amount of leakage that the 3L inputs can tolerate from an external driver. See Figure 3 on page 9. In most
designs, an external resistor voltage divider is recommended.
3. No overshoot or undershoot.


Similar Part No. - Si5324

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5324A-C-GM SILABS-Si5324A-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324A-C-GM SKYWORKS-SI5324A-C-GM Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5324B-C-GM SILABS-Si5324B-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324B-C-GM SKYWORKS-SI5324B-C-GM Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

Similar Description - Si5324

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com